Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC1002F/W Datasheet(PDF) 1 Page - Semikron International

Part # KBPC1002F/W
Description  Silicon-Bridge Recitifers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

KBPC1002F/W Datasheet(HTML) 1 Page - Semikron International

  KBPC1002F/W Datasheet HTML 1Page - Semikron International KBPC1002F/W Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Square bridge
Silicon-Bridge Recitifers
KBPC 1000F/W ... KBPC 1016F/W
Forward Current: 10 A
Reverse Voltage: 50 to 1600 V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
KBPC 1000FW ... KBPC 1016FW
1
26-10-2004 SCT
© by SEMIKRON


Similar Part No. - KBPC1002F/W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC1002F DIOTEC-KBPC1002F Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
KBPC1002FW DIOTEC-KBPC1002FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
KBPC1002FW SEMIKRON-KBPC1002FW Datasheet
269Kb / 2P
Silicon-Bridge Recitifers
More results

Similar Description - KBPC1002F/W

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6200 NTE-NTE6200 Datasheet
20Kb / 2P
Positive Center Tapped Silicon Recitifers 30 Amp(15A per diode)
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
KBPC1000FW SEMIKRON-KBPC1000FW_06 Datasheet
269Kb / 2P
Silicon-Bridge Recitifers
logo
NTE Electronics
NTE6206 NTE-NTE6206 Datasheet
24Kb / 2P
Positive Center Tapped Silicon Recitifers 30 Amp(15A per diode)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com