Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT-G7509-R-48 Datasheet(PDF) 5 Page - Moxa Inc.

Part # PT-G7509-R-48
Description  Gigabit managed rackmount Ethernet switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-G7509-R-48 Datasheet(HTML) 5 Page - Moxa Inc.

  PT-G7509-R-48 Datasheet HTML 1Page - Moxa Inc. PT-G7509-R-48 Datasheet HTML 2Page - Moxa Inc. PT-G7509-R-48 Datasheet HTML 3Page - Moxa Inc. PT-G7509-R-48 Datasheet HTML 4Page - Moxa Inc. PT-G7509-R-48 Datasheet HTML 5Page - Moxa Inc. PT-G7509-R-48 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.moxa.com
5
Model Name
Max. No. of
Ports
Max. No. of
Gigabit Ports
Cabling
Redundant
Power Module
Input Voltage 1
Input Voltage 2
Operating Temp.
PT-G7509-F-24
9
9
Front
–
24 VDC (18-38
VDC)
–
-45 to 85°C
PT-G7509-R-24
9
9
Rear
–
24 VDC (18-38
VDC)
–
-45 to 85°C
PT-G7509-F-24-24
9
9
Front
✓
24 VDC (18-38
VDC)
24 VDC (18-38
VDC)
-45 to 85°C
PT-G7509-R-24-24
9
9
Rear
✓
24 VDC (18-38
VDC)
24 VDC (18-38
VDC)
-45 to 85°C
PT-G7509-F-24-HV
9
9
Front
✓
24 VDC (18-38
VDC)
110/220 VDC/
VAC (88-300
VDC or 85-264
VAC)
-45 to 85°C
PT-G7509-R-24-HV
9
9
Rear
✓
24 VDC (18-38
VDC)
110/220 VDC/
VAC (88-300
VDC or 85-264
VAC)
-45 to 85°C
PT-G7509-F-48
9
9
Front
–
48 VDC (36-72
VDC)
–
-45 to 85°C
PT-G7509-R-48
9
9
Rear
–
48 VDC (36-72
VDC)
–
-45 to 85°C
PT-G7509-F-48-48
9
9
Front
✓
48 VDC (36-72
VDC)
48 VDC (36-72
VDC)
-45 to 85°C
PT-G7509-R-48-48
9
9
Rear
✓
48 VDC (36-72
VDC)
48 VDC (36-72
VDC)
–
Accessories (sold separately)
Storage Kits
ABC-01
Configuration backup and restoration tool for managed Ethernet switches and AWK Series wireless
APs/bridges/clients, 0 to 60°C operating temperature
SFP Modules
SFP-1FELLC-T
SFP module with 1 100Base single-mode with LC connector for 80 km transmission, -40 to 85°C
operating temperature
SFP-1FEMLC-T
SFP module with 1 100Base multi-mode with LC connector for 4 km transmission, -40 to 85°C
operating temperature
SFP-1FESLC-T
SFP module with 1 100Base single-mode with LC connector for 40 km transmission, -40 to 85°C
operating temperature
SFP-1G10ALC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1310 nm, RX 1550 nm, 0 to 60°C operating temperature
SFP-1G10ALC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1310 nm, RX 1550 nm, -40 to 85°C operating temperature
SFP-1G10BLC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1550 nm, RX 1310 nm, 0 to 60°C operating temperature
SFP-1G10BLC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1550 nm, RX 1310 nm, -40 to 85°C operating temperature
SFP-1G20ALC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1310 nm, RX 1550 nm, 0 to 60°C operating temperature
SFP-1G20ALC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1310 nm, RX 1550 nm, -40 to 85°C operating temperature
SFP-1G20BLC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1550 nm, RX 1310 nm, 0 to 60°C operating temperature
SFP-1G20BLC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1550 nm, RX 1310 nm, -40 to 85°C operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com