Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1112STR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1112STR Datasheet HTML 10Page - Semtech Corporation SC1112STR Datasheet HTML 11Page - Semtech Corporation SC1112STR Datasheet HTML 12Page - Semtech Corporation SC1112STR Datasheet HTML 13Page - Semtech Corporation SC1112STR Datasheet HTML 14Page - Semtech Corporation SC1112STR Datasheet HTML 15Page - Semtech Corporation SC1112STR Datasheet HTML 16Page - Semtech Corporation SC1112STR Datasheet HTML 17Page - Semtech Corporation SC1112STR Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Typical Gain & Phase Margin
SC1112 Gain / Phase VTT = 1.25V @ 2A
-30
-20
-10
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
Freq (Hz)
0
20
40
60
80
100
120
140
160
180
200
Gain
Phase (deg)
Gain
Phase
SC1112 Gain / Phase VTT = 1.5V @ 2A
-30
-20
-10
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
Freq (Hz)
0
20
40
60
80
100
120
140
160
180
200
Gain
Phase (deg)
Gain
Phase
SC1112 Gain / Phase AGP = 1.5V @ 2A
-20
-10
0
10
20
30
40
50
10
100
1000
10000
100000
1000000
Freq (Hz)
0
20
40
60
80
100
120
140
160
180
200
Gain
Phase (deg)
Gain
Phase
SC1112 Gain / Phase ADJ = 1.2V @ 2A
-30
-20
-10
0
10
20
30
40
50
10
100
1000
10000
100000
1000000
Freq (Hz)
0
20
40
60
80
100
120
140
160
180
200
Gain
Phase (deg)
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com