Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1112TSTR Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1112TSTR
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTR Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1112TSTR Datasheet HTML 11Page - Semtech Corporation SC1112TSTR Datasheet HTML 12Page - Semtech Corporation SC1112TSTR Datasheet HTML 13Page - Semtech Corporation SC1112TSTR Datasheet HTML 14Page - Semtech Corporation SC1112TSTR Datasheet HTML 15Page - Semtech Corporation SC1112TSTR Datasheet HTML 16Page - Semtech Corporation SC1112TSTR Datasheet HTML 17Page - Semtech Corporation SC1112TSTR Datasheet HTML 18Page - Semtech Corporation SC1112TSTR Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Theory Of Operation
The SC1112 was designed for the latest high speed mother
boards requiring a controled power up sequencing of the
Outputs, and a programable delay for the Power good sig-
nal.
Three Linear controllers have been incorperated into the
SC1112. The VTT output can be programmed to either a
1.250V or a 1.500V by applying a LOW or a HIGH control
signal to the VTTSEL pin. AGP output can also be
prgorammed via AGPSEL pin to a 1.50V or a 3.30V. The
SC1112 also provides an Adjustable output which utilizes
a resistive voltage divider.
The +5VSTBY supply will power the internal Reference,
Charge Pump, Oscillator, and the .et controllers. After the
+5VSTBy has been established, LDO outputs will track the
VTTIN (3.30V) supply as it is applied.
An external capaitor connected to the Delay pin will pro-
gram the VTT short circuit delay time (SC
td), and the PWRGD
delay time (PG
td).
During power up, an internal short circuit glitch timer will
start once the VTT Input Voltage exceeds the VTTIN
TH (1.5V).
During the glitch timer immunity time, determined by the
Delay capacitor (Delay time is approximately equal to
(Cdelay*SCTH)/ISC), the short circuit protection is disabled
to allow VTT output to rise above the trip threashold (0.7V).
If the VTT output has not risen above the trip threashold
after the immunity time has elapsed, the VTT output is
latched off and will only be enabled again if either the VTT
input voltage or the 5VSTBY is cycled.
PWRGD pin is kept low during the power up, until the VTT
output has reached its PG
td1.25 or PGtd1.5 level. At that time
the PWRGD source current I
PG (20uA) is enabled and will
start charging the external PWRGD delay capacitor
connected to the DELAY pin. Once the capacitor is charged
above the PG
Delay_TH (1.5V), the PWRGD pin is released from
ground. A detailed timing diagram is shown on pages 4 to
5.
Also included is an overcurrent protection circuit that moni-
tors the VTT voltage. If the output voltage drops below
700mV, as would occur during an overcurrent or short
condition, the device will pull the drive pin low and latch
off the output.
.ixed Output Voltage Options (VTT, AGP)
Please refer to the Application Circuit on Page 1. The VTT
and the AGP fixed output voltage can be programed from
a Control logic signal. Table below shows the possible Volt-
ages:
L
E
S
T
T
VL
E
S
P
G
AT
T
VP
G
A
00
V
5
2
.
1V
0
5
.
1
01
V
5
2
.
1V
0
3
.
3
10
V
0
5
.
1V
0
5
.
1
11
V
0
5
.
1V
0
3
.
3
Once the VTTSEL or the AGPSEL signal is established, an
internal resistive divider is used to compare the bandgap
reference voltage with the feed back output voltage. The
drive
pin
voltage
is
then
adjusted
to
maintain the output voltage set by the internal resistor
divider. Referring to the block diagram on page 7.
It is possible to adjust the output voltage of the VTT or
AGP, by applying an external resistor divider to the sense
pin (please refer to .igure 1 on Page 11). Since the sense
pin sinks a nominal 100µA, the resistor
values should be selected to allow 10mA to flow through
the divider. This will ensure that variations in this current
do not adversely affect output voltage regulation. Thus a
target value for R2 (maximum) can be calculated:
Ω
≤
mA
10
V
2
R
)
FIXED
(
OUT
The output voltage can only be adjusted upwards from the
fixed output voltage, and can be calculated using the
following equation:
Volts
A
100
1
R
2
R
1
R
1
V
V
)
FIXED
(
OUT
)
ADJUSTED
(
OUT
µ
•
+
 +
•
=
Applications Infomation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com