Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN370-2-2Z Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN370-2-2Z
Description  Versatile Filtered Power Entry Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN370-2-2Z Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN370-2-2Z Datasheet HTML 1Page - Schaffner International Ltd FN370-2-2Z Datasheet HTML 2Page - Schaffner International Ltd FN370-2-2Z Datasheet HTML 3Page - Schaffner International Ltd FN370-2-2Z Datasheet HTML 4Page - Schaffner International Ltd FN370-2-2Z Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
EMC/EMI Products
Schaffner Group Datasheets 17 Dec 2019
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
FN 370/FN 372/FN 378
FN 379
Mechanical data
FN 370/FN 372
FN 378/FN 379
Connection designation
Panel cut out



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com