Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN3311-400-99-C16-R55 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN3311-400-99-C16-R55
Description  Compact power line AC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3311-400-99-C16-R55 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN3311-400-99-C16-R55 Datasheet HTML 1Page - Schaffner International Ltd FN3311-400-99-C16-R55 Datasheet HTML 2Page - Schaffner International Ltd FN3311-400-99-C16-R55 Datasheet HTML 3Page - Schaffner International Ltd FN3311-400-99-C16-R55 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
02 Oct 2020
Filter selection table
Filters */**
Rated current
Typical inverter
Leakage current****
Power losss
Weight
@ 50°C
AC power rating***
@ 520 VAC/50 Hz
@ 25°C/DC
[A]
[kVA]
[mA]
[W]
[kg]
FN 3311 with Cy caps
FN 3311-250-99-C16-R55 or FN 3311 IT-250-99-C18-R5
250
100
0.06
18
2.3
FN 3311-400-99-C16-R55 or FN 3311 IT-400-99-C18-R5
400
150
0.06
30
3.1
FN 3311-600-99-C16-R55 or FN 3311 IT-600-99-C18-R5
600
250
0.06
33
4.0
FN 3311-1000-99-C16-R55 or FN 3311 IT-1000-99-C18-R5
1000
400
0.06
70
5.5
FN 3311-1500-99-C16-R55 or FN 3311 IT-1500-99-C18-R5
1500
500
0.06
133
9.9
FN 3311-2300-99-C16-R55 or FN 3311 IT-2300-99-C18-R5
2300
800/1000
0.06
201
18.2
FN 3310 without Cy caps
FN 3310-250-99-R5
250
100
18
2.3
FN 3310-400-99-R5
400
150
30
3.1
FN 3310-600-99-R5
600
250
33
4.0
FN 3310-1000-99-R5
1000
400
70
5.5
FN 3310-1500-99-R5
1500
500
133
9.9
FN 3310-2300-99-R5
2300
800/1000
201
18.2
*
Filters with higher current ratings available upon request.
**
Filters with reduced Cy capacitance to ground for high asymmetrical currents and higher voltages available upon request.
*** Calculated at rated current, 480 VAC (FN 3311)/690 VAC (FN 3311 HV) and cos phi=0.8. The exact value depends upon the efficiency of the drive, the motor and
the entire application.
**** Leakage current according IEC 60939-1
Typical filter attenuation FN 3311-xxx-99-C16-R55
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
250/400 A types
600 A types
1'000/1'500 A types
2'300A types
Typical block schematic
1
PV modules
2
Schaffner DC filter FN 22xx
3
Central Inverter
4
Schaffner magnetic components
5
Schaffner AC EMC/EMI filter FN 3xxx
Important note: depending on the grounding scheme of the solar power system, including the solar panel and the grid side transformer, the appropriate DC- and AC
EMC/EMI filter version need to be selected. For support, please contact your local Schaffner sales office or partner.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com