Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN-3442 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-3442
Description  400 VAC 60 Hz Full Performance Passive Harmonic Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3442 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-3442 Datasheet HTML 1Page - Schaffner International Ltd FN-3442 Datasheet HTML 2Page - Schaffner International Ltd FN-3442 Datasheet HTML 3Page - Schaffner International Ltd FN-3442 Datasheet HTML 4Page - Schaffner International Ltd FN-3442 Datasheet HTML 5Page - Schaffner International Ltd FN-3442 Datasheet HTML 6Page - Schaffner International Ltd FN-3442 Datasheet HTML 7Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ecosine passive
Schaffner Group
Datasheets
23 Oct 2020
Filter selection table @ 380 V / 60 Hz – IP 00 enclosure
Filter
Rated load power
Motor drive
Rated filter
Typical
Terminal
Frame
@ 380 V/60 Hz
input current
input current
Weight
losses
size
[kW]
[HP]
[Arms]***
[Arms]
[kg]
[lbs]
[W]****
FN 3442-1-110-E0_ _ _ _ _*
0.9
1.2
2
1.37
6
12.6
50
110
A
FN 3442-2-110-E0_ _ _ _ _*
1.7
2.4
4
2.74
8
17.4
67
110
A
FN 3442-4-112-E0_ _ _ _ _*
2.9
4
7
4.57
10
22
116
112
B
FN 3442-6-112-E0_ _ _ _ _*
4.5
6
11
6.91
13
29
132
112
B
FN 3442-8-112-E0_ _ _ _ _*
5.9
8
14
9.29
16
35
160
112
C
FN 3442-12-112-E0_ _ _ _ _*
8.7
12
21
13.8
18
40
237
112
C
FN 3442-16-113-E0_ _ _ _ _
11.9
16
27
18.5
27
60
294
113
D
FN 3442-20-113-E0_ _ _ _ _
14.9
20
34
23.1
31
68
351
113
D
FN 3442-24-113-E0_ _ _ _ _
17.4
24
44
27.8
36
79
354
113
D
FN 3442-32-115-E0_ _ _ _ _
23.8
32
52
37.2
46
101
459
115
E
FN 3442-40-115-E0_ _ _ _ _
29.3
40
66
46.2
51
112
571
115
E
FN 3442-48-115-E0_ _ _ _ _
35.6
48
83
55.6
59
130
589
115
E
FN 3442-60-115-E0_ _ _ _ _
44.3
60
103
69.3
60
132
821
115
F
FN 3442-80-115-E0_ _ _ _ _
59.4
80
128
92.5
82
181
1028
115
F
FN 3442-100-116-E0_ _ _ _ _
73.6
100
165
115
116
256
1067
116
G
FN 3442-120-116-E0_ _ _ _ _
88.7
120
208
139
137
302
1143
116
G
FN 3442-160-118-E0_ _ _ _ _
118
160
240
184
170
375
1538
118
H
FN 3442-200-118-E0_ _ _ _ _**
147
200
320
231
187
412
1411
118
H
FN 3442-240-118-E0_ _ _ _ _**
177
240
403
279
252
556
1775
118
H
*
Filter rating which does not require forced cooling or fan module
** Filter rating which does not require RC damping module for rectifiers with EMI filter
*** Motor drive input current without harmonic filter
****Typical losses @ 45°C, 380V, 60Hz and rated load power
Filter power terminals
Terminal designation*
Screw thread
Flex wire AWG
Flex wire
Max width**
Frame size
Screw torque value
cable lug
[mm2]
[Nm]
[lbs·in]
[mm]
110
M3
14-22
0.4-2.5
0.5
4.4
7
A
112
M4
10-22
0.4-6
1.2
10.6
10
B, C
113
M6
6-18
0.75-16
3
26.6
15
D
115
M8
1/0-8
10-50
8
70.8
15
E, F
116
M8
3/0-8
10-95
8
70.8
17
G
118
M10
3/0-500 kcmil
95-240
10
88.5
35
H
* Recommended connector type: wire or cable lug for 110 to 113, only cable lug for 115 to 118
** To fulfill creepage/clearance acc. UL 61800-5-1 without additional protection (insulation). Creepage/clearance can vary depending on applicable standard and must
be reviewed by customer. Creepage/clearance may be reduced when additional protection (insulation) is provided.
Filter signal and earth terminals
Terminal type
Screw thread
Frame size
Screw torque value
[Nm]
[lbs·in]
Signal
M3*
0.5
4.4
All
Earth (PE)
M5
2.2
19.5
A
Earth (PE)
M6
4
35.4
B, C
Earth (PE)
M8
9
79.7
D, E
Earth (PE)
M10
17
150.5
F, G, H
* Max width cable lug = 7 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com