Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMME-AS-60-S-LS-AMX Datasheet(PDF) 1 Page - Festo Corporation.

Part # EMME-AS-60-S-LS-AMX
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMME-AS-60-S-LS-AMX Datasheet(HTML) 1 Page - Festo Corporation.

  EMME-AS-60-S-LS-AMX Datasheet HTML 1Page - Festo Corporation. EMME-AS-60-S-LS-AMX Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Servo motor
EMME-AS-60-S-LS-AMX
Part number: 4267572
Data sheet
Feature
Value
Number of pole pairs
3
Type code
EMME-AS
Rotor position sensor
Safety encoder, absolute multi-turn
Rotor position sensor interface
HIPERFACE®
Rotor position sensor measuring principle
Optical
Safety Integrity Level (SIL), subcomponent
SIL 2, rotor position sensor
SILCL 2, rotor position sensor
Performance Level (PL), subcomponent
Category 3, performance level d, rotor position sensor
PFHd, subcomponent
1.3 x 10E-8, rotor position sensor
Duration of use Tm, subcomponent
20 years, rotor position sensor
Max. rotational speed
5131 1/min
Nominal rotary speed
3000 1/min
Continuous stall current
0.9 A
Insulation protection class
F
Motor constants
0.75 Nm/A
Nominal operating voltage DC
360 V
Motor nominal power
190 W
DC nominal voltage
360 V
Motor nominal current
0.8 A
Typical rotor position sensor resolution
15 bit
Rotor position encoder, typical angular accuracy
20 arcmin
Rotor position encoder, sinusoidal/cosinusoidal periods per revolution
128
Phase-phase winding resistance
26.4 Ohm
Winding inductance phase-phase
31.9 mH
Type of winding switch
Star inside
Peak current
3.6 A
Voltage constant, phase-to-phase
49.6 mVmin
Rating class according to EN 60034-1
S1
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
Corrosion resistance class (CRC)
0 - No corrosion stress
Storage temperature
-20 °C ... 70 °C
Relative air humidity
0 - 90 %
Degree of protection
IP21
Ambient temperature
-10 °C ... 40 °C
12/22/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - EMME-AS-60-S-LS-AMX

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMME-AS-60-S-LS-AMXB FESTO-EMME-AS-60-S-LS-AMXB Datasheet
84Kb / 2P
Servo motor
More results

Similar Description - EMME-AS-60-S-LS-AMX

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMS-AS-40-S-LS-TS FESTO-EMMS-AS-40-S-LS-TS Datasheet
92Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RR FESTO-EMMS-AS-55-M-HS-RR Datasheet
105Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RRB FESTO-EMMS-AS-55-M-HS-RRB Datasheet
106Kb / 2P
Servo motor
EMMS-AS-55-MK-HS-TS-S1 FESTO-EMMS-AS-55-MK-HS-TS-S1 Datasheet
90Kb / 2P
Servo motor
EMMS-AS-55-M-LS-RRB FESTO-EMMS-AS-55-M-LS-RRB Datasheet
106Kb / 2P
Servo motor
EMME-AS-80-S-LS-AMB FESTO-EMME-AS-80-S-LS-AMB Datasheet
82Kb / 2P
Servo motor
EMME-AS-100-M-HS-AM FESTO-EMME-AS-100-M-HS-AM Datasheet
79Kb / 2P
Servo motor
EMME-AS-100-MK-HS-AMX FESTO-EMME-AS-100-MK-HS-AMX Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AM FESTO-EMME-AS-100-S-HS-AM Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AMX FESTO-EMME-AS-100-S-HS-AMX Datasheet
82Kb / 2P
Servo motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com