Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS250DF230ZLSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS250DF230ZLSR
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS250DF230ZLSR Datasheet(HTML) 3 Page - Texas Instruments

  DS250DF230ZLSR Datasheet HTML 1Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 2Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 3Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 4Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 5Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 6Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 7Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 8Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
3
DS250DF230
www.ti.com
SNLS590B – AUGUST 2018 – REVISED OCTOBER 2019
Product Folder Links: DS250DF230
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
5 Description (continued)
The DS250DF230 has a single power supply and minimal need for external components. These features reduce
PCB routing complexity and BOM cost.
The advanced equalization features of the DS250DF230 include a low-jitter 3-tap transmit finite impulse
response (FIR) filter, an adaptive continuous-time linear equalizer (CTLE), and an adaptive decision feedback
equalizer (DFE). This enables reach extension for lossy interconnect and backplanes with multiple connectors
and crosstalk. The integrated CDR function is available for front-port optical module applications to reset the jitter
budget and retime the high-speed serial data. The DS250DF230 supplies 2x2 cross-point that gives the host lane
crossing, fanout, and multiplexing options.
The DS250DF230 can be configured either through the SMBus or through an external EEPROM. Up to 16
devices can share an EEPROM using common-channel configuration. A non-disruptive on-chip eye monitor and
a PRBS generator and checker is available for in-system diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com