Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G07DBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Dec-2020
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC2G07DBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
(C075, C07F, C07K,
C07R)
SN74LVC2G07DBVRG4
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
(C07F, C07R)
SN74LVC2G07DCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
(CV5, CVF, CVJ, CV
K, CVR)
SN74LVC2G07DCKRE4
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CV5
SN74LVC2G07DCKRG4
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CV5
SN74LVC2G07DCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
(CV5, CVF, CVJ, CV
K, CVR)
SN74LVC2G07DCKTG4
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CV5
SN74LVC2G07DRYR
ACTIVE
SON
DRY
6
5000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CV
SN74LVC2G07DSF2
PREVIEW
SON
DSF
6
5000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CV
SN74LVC2G07DSFR
ACTIVE
SON
DSF
6
5000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CV
SN74LVC2G07YZPR
ACTIVE
DSBGA
YZP
6
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
(CV7, CVN)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com