Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC1D32GD Datasheet(PDF) 2 Page - Schneider Electric

Part # LC1D32GD
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 125 V DC coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D32GD Datasheet(HTML) 2 Page - Schneider Electric

  LC1D32GD Datasheet HTML 1Page - Schneider Electric LC1D32GD Datasheet HTML 2Page - Schneider Electric LC1D32GD Datasheet HTML 3Page - Schneider Electric LC1D32GD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free air thermal
current
10 A 140 °F (60 °C) signalling circuit
50 A 140 °F (60 °C) power circuit
Irms rated making capacity
140 A AC signalling circuit IEC 60947-5-1
250 A DC signalling circuit IEC 60947-5-1
550 A 440 V power circuit IEC 60947
Rated breaking capacity
550 A 440 V power circuit IEC 60947
[Icw] rated short-time withstand current
260 A 104 °F (40 °C) - 10 s power circuit
430 A 104 °F (40 °C) - 1 s power circuit
60 A 104 °F (40 °C) - 10 min power circuit
138 A 104 °F (40 °C) - 1 min power circuit
100 A - 1 s signalling circuit
120 A - 500 ms signalling circuit
140 A - 100 ms signalling circuit
Associated fuse rating
10 A gG signalling circuit IEC 60947-5-1
63 A gG <= 690 V type 1 power circuit
63 A gG <= 690 V type 2 power circuit
Average impedance
2 mOhm - Ith 50 A 50 Hz power circuit
[Ui] rated insulation voltage
Power circuit 690 V IEC 60947-4-1
Power circuit 600 V CSA
Power circuit 600 V UL
Signalling circuit 690 V IEC 60947-1
Signalling circuit 600 V CSA
Signalling circuit 600 V UL
Electrical durability
1.65 Mcycles 32 A AC-3 <= 440 V
1.4 Mcycles 50 A AC-1 at Ue <= 440 V
Power dissipation per pole
2 W AC-3
5 W AC-1
Front cover
With
Mounting support
Plate
Rail
Standards
CSA C22.2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
CCC
RINA
BV
GOST
LROS (Lloyds register of shipping)
GL
DNV
UL
CSA
Connections - terminals
Control circuit: screw clamp terminals 1 cable(s) 1…4 mm²flexible without cable end
Control circuit: screw clamp terminals 2 cable(s) 1…4 mm²flexible without cable end
Control circuit: screw clamp terminals 1 cable(s) 1…4 mm²flexible with cable end
Control circuit: screw clamp terminals 2 cable(s) 1…2.5 mm²flexible with cable end
Control circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)solid without cable end
Control circuit screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)solid without cable end
Power circuit screw clamp terminals 1 0.00…0.02 in² (2.5…10 mm²)flexible without cable end
Power circuit screw clamp terminals 2 0.00…0.02 in² (2.5…10 mm²)flexible without cable end
Power circuit screw clamp terminals 1 0.00…0.02 in² (1…10 mm²)flexible with cable end
Power circuit screw clamp terminals 2 0.00…0.01 in² (1.5…6 mm²)flexible with cable end
Power circuit: screw clamp terminals 1 cable(s) 1.5…10 mm²solid without cable end
Power circuit: screw clamp terminals 2 cable(s) 2.5…10 mm²solid without cable end
Tightening torque
Control circuit: 1.7 N.m - on screw clamp terminals - with screwdriver flat Ø 6 mm
Control circuit: 1.7 N.m - on screw clamp terminals - with screwdriver Philips No 2
Power circuit 22.13 lbf.in (2.5 N.m) screw clamp terminals flat Ø 6 mm
Power circuit 22.13 lbf.in (2.5 N.m) screw clamp terminals Philips No 2
Operating time
53.55...72.45 ms closing
16...24 ms opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load EN/ISO 13849-1
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com