Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTK84 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK84
Description  POWER MOSFET 130 mAmps, 50 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK84 Datasheet HTML 1Page - First Silicon Co., Ltd FTK84 Datasheet HTML 2Page - First Silicon Co., Ltd FTK84 Datasheet HTML 3Page - First Silicon Co., Ltd FTK84 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Transfer Characteristics
Figure 2. On–Region Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 250 µAdc)
V(BR)DSS
50
–
–
Vdc
Zero Gate Voltage Drain Current
(VDS = 25 Vdc, VGS = 0 Vdc)
IDSS
–
–
–
–
15
60
µAdc
Gate–Body Leakage Current (VGS = ±20 Vdc, VDS = 0Vdc)
IGSS
–
–
±60
µAdc
ON CHARACTERISTICS (Note 1.)
Gate-Source Threshold Voltage
(VDS= VGS, ID = 1.0 mAdc)
VGS(th)
0.8
–
2.0
Vdc
Static Drain-to-Source On–Resistance
(VGS= 5.0 Vdc, ID = 100 mAdc)
rDS(on)
–
5.0
10
Ω
Transfer Admittance
(VDS = 25 Vdc, ID = 100 mAdc, f = 1.0 MHz)
|yFS|
50
–
–
mS
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS= 5.0 Vdc)
Ciss
–
30
–
pF
Output Capacitance
Coss
–
10
–
pF
Transfer Capacitance
Crss
–
5.0
–
pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
(VDD = -15 Vdc, ID = -2.5 Adc,
RL= 50 Ω)
td(on)
–
2.5
–
ns
Rise Time
tr
–
1.0
–
ns
SOURCE-DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
–
–
0.130
V
1. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2.0%.
2. Switching characteristics are independent of operating junction temperature.
Characteristic
Symbol
Min
Max
Unit
Typ
2007. 12. 18
2/4
FTK84
Revision No : 0
(VDS = 50 Vdc, VGS = 0 Vdc)
(VDS = 50 Vdc, VGS = 0 Vdc, TJ = 125 C)
Turn–Off Delay Time
Fall Time
Gate Charge
Forward Voltage (Note 2.)
Pulsed Current
(VDS= 5.0 Vdc)
(VDG= 5.0 Vdc)
td(off)
tf
QT
VSD
ISM
16
8.0
6000
2.5
0.1
0.520
pC
A
A
ns
ns
–
–
–
–
–
–
–
–
–
–
–
–
1
1.5
2
0.6
0.5
0.4
0.3
0.2
0.1
0
2.5
3
3.5
4
VGS, GATE SOURCE VOLTAGE (VOLTS)
VDS=10V
-55 C
25 C
150 C
0
1.0
2.0
3.0
4.0
5.0
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
6.0
7.0
8.0
9.0
10
VDS, DRAIN SOURCE VOLTAGE (VOLTS)
TJ=25 C
VGS=3.5V
3.25V
3.0V
2.75V
2.5V
2.25V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com