Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2804HVG Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # P2804HVG
Description  Dual N-Channel 60 V (D-S) 175 째C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P2804HVG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  P2804HVG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P2804HVG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0
2468
10
VGS = 10 V thru 5 V
VGS =4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0
5
10
15
20
25
0
3
6
9
12
15
ID - Drain Current (A)
TC = 125 °C
TC = 25 °C
TC = -55 °C
Crss
0
200
400
600
800
1000
0
102030
405060
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0
6
12
18
24
30
01
2
3
45
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.10
0
6
12
18
24
30
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0246
8
10
12
ID =5.3 A
VDS =30V
Q
g - Total Gate Charge (nC)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P2804HVG
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com