Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5231-3GDFR8 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5231-3GDFR8
Description  500 mA, 3.3 V Linear Regulator with Auxiliary Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3GDFR8 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5231-3GDFR8 Datasheet HTML 1Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 2Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 3Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 4Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 5Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 6Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 7Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 8Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS5231−3
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Output Voltage vs. Junction Temperature
Junction Temperature (
°C)
3.302
3.300
3.298
120
0
3.296
100
80
60
40
20
IOUT (A)
0
0.2
1.2
1.0
0.8
0.6
0.4
0.2
0
0.4
Figure 3. Line Regulation vs. IOUT Over
Temperature
IOUT (A)
0.8
0.0
0.2
0.6
0.4
0.2
0.0
0.4
Figure 4. Load Regulation vs. IOUT Over
Temperature
125
°C
Junction Temperature (
°C)
380
0
20
370
360
40
60
80
100
120
Figure 5. Reverse Current vs. Junction
Temperature
Figure 6. VOUT vs. IOUT Over Junction
Temperature
Figure 7. VIN Thresholds vs. Junction
Temperature
1.0
1.2
IOUT (A)
0.0
0.2
3
2
1
0
0.4
0.6
0.8
1.0
Junction Temperature (
°C)
4.52
4.50
4.48
4.46
120
0
4.38
100
80
60
40
20
4.44
4.42
4.40
VIN
Turn−On
Threshold
VIN
Turn−Off
Threshold
27
°C
0
°C
125
°C
27
°C
0
°C
IOUT = 10 mA
IOUT = 500 mA
27
°C
125
°C
0
°C
140
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com