Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCN2C60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCN2C60
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCN2C60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCN2C60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VAK = VDRM or VRRM ; RGK = 1000 Ω
TC = 25 °C
TC = 125 °C
─
─
─
─
10
200
㎂
VTM
Peak On-State Voltage (1)
( ITM =3 A, Peak )
─
1.2
1.7
V
IGT
Gate Trigger Current (2)
VAK = 6 V, RL=100 Ω
TC = 25 °C
TC = - 40 °C
─
─
─
─
200
500
㎂
VGT
Gate Trigger Voltage (2)
VD = 7 V, RL=100 Ω
TC = 25 °C
TC = - 40 °C
─
─
─
─
0.8
1.2
V
VGD
Non-Trigger Gate Voltage (1)
VAK = 12 V, RL=100 Ω TC = 125 °C
0.2
──
V
dv/dt
Critical Rate of Rise Off-State
Voltage
VGM = 0.67VDRM,
Exponential waveform , RGK = 1000 Ω
TJ = 125 °C
200
──
V/㎲
di/dt
Critical Rate of Rise On-State
Current
ITM = 3A, Ig = 10mA
50
A/㎲
IH
Holding Current
VAK = 12 V, Gate Open
TC = 25 °C
TC = - 40 °C
─
─
2
─
5.0
10
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
50
°C/W
Rth(j-a)
Thermal Impedance
Junction to Ambient
──
160
°C/W
SCN2C60
2/5
※
Notes :
1. Pulse Width ≤ 1.0 ms , Duty cycle ≤ 1%
2. Does not include RGK in measurement.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com