Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS19580LSNBTN-FDIHBO Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS19580LSNBTN-FDIHBO
Description  Direction Sensor IC for Gear Tooth Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19580LSNBTN-FDIHBO Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS19580LSNBTN-FDIHBO Datasheet HTML 1Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 2Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 3Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 4Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 5Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 6Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 7Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 8Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Large Air Gap, GMR Transmission Speed and Direction
Sensor IC for Gear Tooth Sensing
ATS19580
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
ELECTRICAL SUPPLY CHARACTERISTICS
Supply Voltage [2]
VCC
Voltage across pin 1 and pin 3; does not include
voltage across RL
4
–
24
V
Undervoltage Lockout
VCC(UV)
–
–
3.95
V
Reverse Supply Current [3]
IRCC
VCC = –18 V
–10
–
–
mA
Supply Current
ICC(LOW) Low-current state
5.9
–
8
mA
ICC(HIGH) High-current state
12
–
16
mA
Supply Current Ratio
ICC(HIGH) /
ICC(LOW)
Ratio of high current to low current (isothermal)
1.9
–
–
–
ASIL Safety Current
IFAULT
VCC ≤ 14 V, -A (ASIL) variant
1.5
–
3.9
mA
ELECTRICAL PROTECTION CHARACTERISTICS
Supply Zener Clamp Voltage
VZsupply ICC = 19 mA
28
–
–
V
Reverse Supply Zener Clamp Voltage VRZSUPPLY ICC = –3 mA
–
–
–18
V
POWER-ON STATE CHARACTERISTICS
Power-On State
POS
VCC > VCC(min)
ICC(LOW)
–
Power-On Time [4]
tPO
Time from VCC > VCC(min), until device has
entered Calibration mode
–
–
1
ms
OUTPUT CHARACTERISTICS
Output Rise Time
tr
Voltage measured at pin 3
(see Figure 1),
RL = 100 Ω, CL = 10 pF, measured
between 10% and 90% of signal
Capacitor
L variant
0
4.5
8.8
μs
Capacitor
B variant
0
2
4
μs
Output Fall Time
tr
Voltage measured at pin 3
(see Figure 1),
RL = 100 Ω, CL = 10 pF, measured
between 10% and 90% of signal
Capacitor
L variant
0
4.5
8.8
μs
Capacitor
B variant
0
2
4
μs
Pulse Width, Fault
tw(FAULT)
RL = 100 Ω, CL = 10 pF, pulse
duration measured at threshold of
(ICC(LOW) + IFAULT) / 2
-A (ASIL)
variant
4
–
8
ms
OPERATING CHARACTERISTICS: Valid throughout full operating and temperature ranges, unless otherwise specified
Continued on next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com