Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52106BDFM Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F52106BDFM
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52106BDFM Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F52106BDFM Datasheet HTML 93Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 94Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 95Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 96Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 97Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 98Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 99Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 100Page - Renesas Technology Corp R5F52106BDFM Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 97 of 221
Oct 18, 2013
RX210 Group
5. Electrical Characteristics
[Chip version C]
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOSs
are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. This does not include BGO operation. The clock source is PLL and the VCO
oscillation frequency is 100 MHz. BCLK, FCLK, and PCLK are set to divided by 64.
Note 3. Clocks are supplied to the peripheral functions. This does not include BGO operation. The clock source is PLL and the VCO
oscillation frequency is 100 MHz. BCLK, FCLK, and PCLK are ICLK divided by 2.
Note 4. This is the increase if data is programmed to or erasing from the ROM or E2 DataFlash during program execution.
Table 5.9
DC Characteristics (8)
Conditions: VCC = AVCC0 = 2.7 to 5.5 V, VSS = AVSS0 = VREFL = VREFL0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Typ.
Max.
Unit
Test
Conditions
Supply
current*1
High-speed
operating mode
Normal operating
mode
No peripheral
operation*2
ICLK = 50 MHz
ICC
10
—
mA
All peripheral
operation:
Normal*3
ICLK = 50 MHz
31.5
—
All peripheral
operation:
Max.*3
ICLK = 50 MHz
—
55
Sleep mode
No peripheral
operation
ICLK = 50 MHz
7.5
—
All peripheral
operation:
Normal
ICLK = 50 MHz
17.5
—
All-module clock stop mode
ICLK = 50 MHz
6.7
—
Increase during BGO operation*4
25
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com