Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52103BDFM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F52103BDFM
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52103BDFM Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F52103BDFM Datasheet HTML 1Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 2Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 3Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 4Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 5Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 6Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 7Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 8Page - Renesas Technology Corp R5F52103BDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 2 of 221
Oct 18, 2013
RX210 Group
1. Overview
1.Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different
packages.
Table 1.1 is for products with the greatest number of functions, so numbers of peripheral modules and channels will
differ in accord with the package. For details, see Table 1.2, Comparison of Functions for Different Packages.
This product includes chip version A (part no.: R5F5210xAxxx), chip version B (part no.: R5F5210xBxxx), and chip
version C (part no: R5F5210xCxxx).
For the specification differences between chip versions A, B, and C, see Table 1, Specification Differences
Depending on Chip Versions.
Table 1.1
Outline of Specifications (1 / 5)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 50 MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per state (cycle of the system clock)
 Address space: 4-Gbyte linear
 Register
General purpose: Sixteen 32-bit registers
Control: Eight 32-bit registers
Accumulator: One 64-bit register
 Basic instructions: 73
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32  32  64 bits
 On-chip divider: 32 / 32  32 bits
 Barrel shifter: 32 bits
Memory
ROM
 Capacity: 64 K/96 K/128 K/256 K/384 K/512 K/768 Kbytes/1 Mbyte
 50 MHz, no-wait memory access
 On-board programming: 3 types
Off-board programming
RAM
 Capacity: 12 K/16 K/20 K/32 K/64 K/96 Kbytes
 50 MHz, no-wait memory access
E2 DataFlash
 Capacity: 8 Kbytes
 Number of times for programming/erasing: 100,000
MCU operating mode
Single-chip mode, on-chip ROM enabled expansion mode, and on-chip ROM disabled expansion mode
(software switching)
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, low-speed on-chip oscillator, high-speed on-chip oscillator,
PLL frequency synthesizer, and IWDT-dedicated on-chip oscillator
 Oscillation stop detection
 Measuring circuit for accuracy of clock frequency (clock-accuracy check: CAC)
 Independent settings for the system clock (ICLK), peripheral module clock (PCLK), external bus clock
(BCLK), and FlashIF clock (FCLK)
The CPU and system sections such as other bus masters run in synchronization with the system
clock (ICLK): 50 MHz (at max.)
Peripheral modules run in synchronization with the peripheral module clock (PCLK): 32 MHz (at
max.)
Devices connected to the external bus run in synchronization with the external bus clock (BCLK):
12.5 MHz (at max.)
The flash peripheral circuit runs in synchronization with the FlashIF clock (FCLK): 32 MHz (at max.)
Reset
RES# pin reset, power-on reset, voltage monitoring reset, watchdog timer reset, independent watchdog
timer reset, deep software standby reset, and software reset
Voltage detection
Voltage detection circuit
(LVDAa)
 When the voltage on VCC falls below the voltage detection level, an internal reset or internal interrupt
is generated.
Voltage detection circuit 0 is capable of selecting the detection voltage from 4 levels
Voltage detection circuit 1 is capable of selecting the detection voltage from 16 levels
Voltage detection circuit 2 is capable of selecting the detection voltage from 16 levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com