Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 87Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 88Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 89Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 91 of 246
Jun 20, 2019
RX65N Group, RX651 Group
3. Address Space
3.2
External Address Space
The external address space is divided into CS areas (CS0 to CS7) and SDRAM area (SDCS). The CS areas are divided
into up to eight areas (CS0 to CS7), each corresponding to the CSn# signal output from a CSn# (n = 0 to 7) pin.
Figure 3.2 shows the address ranges corresponding to the individual CS areas (CS0 to CS7) and SDRAM area (SDCS)
in on-chip ROM disabled extended mode.
Figure 3.2
Correspondence between External Address Spaces and CS Areas
(In On-Chip ROM Disabled Extended Mode)
Reserved area*1
Note 1. Reserved areas should not be accessed.
Note 2. This area is only included in products with at least 1.5 Mbytes of code flash memory.
Note 3. The CS0 area is disabled in on-chip ROM enabled extended mode.
In this mode, the address space for addresses above 1000 0000h is as shown in figure on this
section, Memory Map in Each Operating Mode.
Reserved area*1
Reserved area*1
0000 0000h
0008 0000h
RAM
External address space
(CS area)
0010 0000h
0100 0000h
0800 0000h
FF00 0000h
External address space*3
(CS area)
0100 0000h
0200 0000h
0300 0000h
0400 0000h
0500 0000h
0600 0000h
0700 0000h
CS7 (16 Mbytes)
01FF FFFFh
02FF FFFFh
03FF FFFFh
04FF FFFFh
05FF FFFFh
06FF FFFFh
07FF FFFFh
CS6 (16 Mbytes)
CS5 (16 Mbytes)
CS4 (16 Mbytes)
CS3 (16 Mbytes)
CS2 (16 Mbytes)
CS1 (16 Mbytes)
FFFF FFFFh
FFFF FFFFh
FF00 0000h
CS0 (16 Mbytes)
External address space
(SDRAM area)
1000 0000h
0FFF FFFFh
0800 0000h
SDCS (128 Mbytes)
Peripheral I/O registers
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
0004 0000h
Expansion RAM*2
0080 0000h
0086 0000h
Reserved area*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com