Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFM Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F56519FDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFM Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F56519FDFM Datasheet HTML 34Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 35Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 36Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 37Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 38Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 39Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 40Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 41Page - Renesas Technology Corp R5F56519FDFM Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 38 of 246
Jun 20, 2019
Figure 1.8
Pin Assignment (100-Pin TFLGA)
RX65N Group, RX651 Group
PTLG0100JA-A (100-Pin TFLGA)
(Upper Perspective View)
AB
C
D
E
F
G
H
J
K
10
PE2
PE3
PE4
PA0
PA3
VSS
VCC
PB7
PC1
PC2
10
9
PE1
PD7
PE5
PA1
PA5
PA7
PB1
PB6
PC0
PC3
9
8
PE0
PD6
PD5
PE7
PA4
PB0
PB4
PC6
PC4
PC5
8
7
PD4
PD3
PD2
PE6
PA6
PB2
PB5
PC7
P50
P51
7
6
PD0
PD1
P47
P46
PA2
PB3
P52
P54
VCC_
USB
USB0_
DP
6
5
P43
P44
P42
P45
P41
P12
P53
P55
VSS_
USB
USB0_
DM
5
4
VREFL0
P40
VREFH0
VBATT
P34
P32
P27
P15
P13
P14
4
3
P07
AVCC0
PJ3
MD/
FINED
RES#
P35
P30
P16
P17
P20
3
2
AVCC1
AVSS0
AVSS1
XCOUT
VSS
VCC
P31
P25
P21
P22
2
1
P05
EMLE
VCL
XCIN
XTAL
EXTAL
P33
P26
P24
P23
1
AB
C
D
E
F
G
H
J
K
Note:
This figure indicates the power supply pins and I/O port pins. For the pin configuration,
see Table 1.9, List of Pin and Pin Functions (100-Pin TFLGA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com