Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP16N06YLL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP16N06YLL
Description  60 V ??16 A ??N-channel Power MOS FET Application: Automotive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP16N06YLL Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP16N06YLL Datasheet HTML 1Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 2Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 3Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 4Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 5Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 6Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 7Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 8Page - Renesas Technology Corp NP16N06YLL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NP16N06YLL
R07DS1124EJ0100 Rev.1.00
Page 2 of 7
Oct 30, 2013
Absolute Maximum Ratings (TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±16
A
Drain Current (pulse) ∗
1
ID(pulse)
±32
A
Total Power Dissipation (TC = 25
°C)
PT1
27.3
W
Total Power Dissipation (TA = 25
°C) ∗
2
PT2
1.25
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Single Avalanche Current ∗
3
IAS
10
A
Single Avalanche Energy ∗
3
EAS
10
mJ
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
5.49
°C/W
Channel to Ambient Thermal Resistance ∗
2
Rth(ch-A)
120.0
°C/W
Notes: *1. TC = 25°C, PW
≤ 10 μs, Duty Cycle ≤ 1%
*2. Mounted on glass epoxy substrate of 40 mm
× 40 mm × 1.6 mmt with 4% copper area (35 μm)
*3. Tch(start) = 25
°C, VDD = 30 V, RG = 25 Ω, L = 100 μH, VGS = 20 V → 0 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com