Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP90N06VLK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP90N06VLK
Description  60 V ??90 A ??N-channel Power MOS FET Application: Automotive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP90N06VLK Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP90N06VLK Datasheet HTML 1Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 2Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 3Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 4Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 5Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 6Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 7Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 8Page - Renesas Technology Corp NP90N06VLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NP90N06VLK
R07DS1318EJ0200 Rev.2.00
Page 2 of 7
May 24, 2018
Absolute Maximum Ratings (TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
C)
ID(DC)
±90
A
Drain Current (pulse) 1*3
ID(pulse)
±360
A
Total Power Dissipation (TC = 25
C)
PT1
147
W
Total Power Dissipation (TA = 25
C)
PT2
1.2
W
Channel Temperature
Tch
175
C
Storage Temperature
Tstg
55 to 175
C
Repetitive Avalanche Current 2*3
IAR
33
A
Repetitive Avalanche Energy 2*3
EAR
108
mJ
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C) *3
1.02
C/W
Channel to Ambient Thermal Resistance
Rth(ch-A) *3
125
C/W
Notes: *1. TC = 25°C, PW
 10 s, Duty Cycle  1%
*2. RG = 25
, VGS = 20 V  0 V
*3. Not subject of production test. Verified by design/characterization.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com