Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4959-5U-SP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4959-5U-SP
Description  TLE4959-5U-SP Transmission SpeedSensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959-5U-SP Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4959-5U-SP Datasheet HTML 1Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 2Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 3Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 4Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 5Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 6Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 7Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 8Page - Infineon Technologies AG TLE4959-5U-SP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet
2
Ver. 1.0
2019-07
TLE4959-5U-SP Transmission Speed Sensor
Description
The TLE4959-5U-SP comes in a RoHs compliant four-pin package, qualified for automotive usage. the
recommended capacitors increase the EMC robustness of the device. In 12 V applications it is further
recommended to use a serial resistor RSupply for protection on the supply line. A pull-up resistor RLoad is
mandatory on the output pin and determines the maximum current flowing through the output transistor. A
value of 1.2 kΩ is recommended for the 5V application. (see Figure 1)
Figure 1
Typical Application Circuit
R
Supply
100 ...330
Ω
V
S
VDD
GND
Q
CQ
1.8 ... 4.7nF
RLOAD
1.2 k
Ω
Vpullup
IQ
VQ
CVDD
100...470nF
Option for 12V
RQ
150 ... 220
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com