| Electronic Components Datasheet Search |
|
TLE4959C Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4959C Datasheet(HTML) 3 Page - Infineon Technologies AG |
|
3 / 14 page ![]() Data Sheet 3 Ver. 1.0 2018-02 TLE4959C Transmission Speed Sensor Functional Description 1 Functional Description The differential Hall sensor IC detects the motion of tooth and magnet encoder applications. To detect the motion of ferromagnetic objects, the magnetic field must be provided by a back biasing permanent magnet. Either south or north pole of the magnet can be attached to the rear unmarked side of the IC package (See Figure 2). The magnetic measurement is based on three equally spaced Hall elements, integrated on the IC. Both magnetic and mechanical offsets are cancelled by a self calibration algorithm. The sensor includes a voltage output PWM protocol. 1.1 Definition of the Magnetic Field Direction The magnetic field of a permanent magnet exits from the north pole and enters the south pole. If a north pole is attached to the backside of the High End Transmission Sensor, the field at the sensor position is positive, as shown in Figure 2. Figure 2 Definition of the Positive Magnetic Field Direction 1.2 Block Diagram Figure 3 Block Diagram S Tooth Notch Notch IC Branded Side S IC Branded Side Tooth Notch Notch Digital-Core: Min/Max -detection Offset-calculation Hysteresis-calculation Offset compensation Direction detection Vibration suppression Output-protocol Q GND VDD Open Drain Hall Direction- sensing Compensated Amplifier and Tracking ADC Diff. Hall Speed-sensing PMU: Chopper switches Separated supplies Bandgap (Temp. Compensated) Compensated Amplifier and Tracking ADC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |