Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT7126 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT7126
Description  30V N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT7126 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT7126 Datasheet HTML 1Page - Advanced Analogic Technologies AAT7126 Datasheet HTML 2Page - Advanced Analogic Technologies AAT7126 Datasheet HTML 3Page - Advanced Analogic Technologies AAT7126 Datasheet HTML 4Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
(TJ = 25ºC unless otherwise noted)
Gate Charge Characteristics
0
2
4
6
8
10
04
8
12
16
20
Gate Charge (nC)
Source to Drain Voltage
0.1
1
10
100
0.4
0.6
0.8
1
1.2
VSD (V)
Transfer
0
5
10
15
20
25
0
1
2
345
VG (V)
R
DS(ON) vs. VG
0
20
40
60
80
100
02
46
8
10
VG (V)
5A
10A
15A
Normalized R
DS(ON)
0
1
2
3
0
5
10
15
20
25
ID (A)
3.5V
4V
4.5V
5V
6V
10V
Forward Characteristics
0
5
10
15
20
25
0
123
4
5
V
D (V)
10V
6V
5V
4V
3.5V
4.5V
3V
2V
AAT7126
30V N-Channel Power MOSFET
7126.2002.10.0.9
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com