Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-M0A Datasheet(PDF) 7 Page - STMicroelectronics

Part # BLUENRG-M0A
Description  Very low power network processor module for Bluetooth® low energy v4.2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M0A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BLUENRG-M0A Datasheet HTML 3Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 4Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 5Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 6Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 7Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 8Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 9Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 10Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5
Electrical specifications
5.1
Electrical characteristics
Characteristic measured over recommended operating conditions unless otherwise specified. Typical values are
referred to VIN= 3.3 V, 25 °C, SMPS on, XO 32 kHz and 32 MHz.
Table 2. Electrical characteristics for the BLUENRG-M0A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDD
Supply current
Reset
5
nA
Standby
1.8
uA
Sleep mode: 32 kHz XO ON (12 KB retention
RAM)
1.7
μA
Sleep mode: 32 kHz XO ON (24 KB retention
RAM)
2.2
Active mode
2.12
mA
RX
9.36
mA
TX +8 dBm
16.50
mA
TX +4 dBm
12.04
mA
TX +2 dBm
10.40
mA
TX -2 dBm
9.44
mA
TX -5 dBm
8.79
mA
TX -8 dBm
8.29
mA
TX -11 dBm
8.01
mA
TX -14 dBm
7.82
mA
Characteristic measured over recommended operating condition unless otherwise specified. Typical values are
referred to VIN= 3.3 V, 25 °C, SMPS off, RO 32 kHz and 32 MHz.
Table 3. Electrical characteristics for the BLUENRG-M0L
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDD
Supply current
Reset
5
nA
Standby
1.7
uA
Sleep mode: 32 kHz RO ON (12 kB retention
RAM)
2.8
μA
Sleep mode: 32 kHz RO ON (24 kB retention
RAM)
3.2
Active mode
2.54
mA
RX
16.36
mA
TX +8 dBm
27.35
mA
TX +4 dBm
21.3
mA
TX +2 dBm
18.29
mA
BlueNRG-M0
Electrical specifications
DS13023 - Rev 3
page 7/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com