Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-M0L Datasheet(PDF) 3 Page - STMicroelectronics

Part # BLUENRG-M0L
Description  Very low power network processor module for Bluetooth® low energy v4.2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M0L Datasheet(HTML) 3 Page - STMicroelectronics

  BLUENRG-M0L Datasheet HTML 1Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 2Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 3Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 4Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 5Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 6Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 7Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 8Page - STMicroelectronics BLUENRG-M0L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
General description
The BlueNRG-M0 is a single-mode Bluetooth low energy master/slave network processor module compliant with
Bluetooth® v4.2.
The BlueNRG-M0 module has been designed around the ST BlueNRG-MS network processor, on which a
complete power-optimized stack for Bluetooth single mode protocol runs, providing
•
Master, slave role support
•
GAP: central, peripheral, observer or broadcaster roles
•
ATT/GATT: client and server
•
SM: privacy, authentication and authorization
•
L2CAP
•
Link Layer: AES-128 encryption and decryption
The BlueNRG-MS radio embeds non-volatile Flash memory allows on-field stack upgrading. In addition,
according to the Bluetooth specification v4.2, the BlueNRG-M0 module provides:
•
Multiple roles simultaneously support
•
Support simultaneous advertising and scanning
•
Support being slave of up to two masters simultaneously
•
Privacy V1.1
•
Low duty cycle directed advertising
•
Connection parameters request procedure
•
LE Ping
•
32 bits UUIDs
•
L2CAP connection oriented channels
The BlueNRG-M0 module is equipped with Bluetooth low energy profiles in C source code, available for the ST
radio BlueNRG-MS.
The external host application processor, where the application resides, is interfaced with the BlueNRG-M0 module
through an application controller interface protocol, which is based on a standard SPI interface.
The BlueNRG-M0 module enables wireless connectivity into electronic devices, not requiring any RF experience
or expertise for integration into the final product. The BlueNRG-M0 module provides a complete RF platform in a
tiny form factor and being a certified solution optimizes the time-to-market of the final applications.
The BlueNRG-M0 module allows applications to meet of the tight advisable peak current requirements imposed
with the use of standard coin cell batteries. Optimized results are obtained when the embedded high-efficiency
DC-DC step-down converter is used (BLUENRG-M0A). Instead, concerning the BLUENRG-M0L the best
performance in terms of power consumption is achieved using a 1.8V DC power supply.
The BlueNRG-M0 can be powered directly with a standard 3 V coin cell battery, a pair of AAA batteries or any
power source from 1.7 to 3.6 V.
ST may update the FW provided with the modules at any time. ST recommends that users regularly check for
documentation and the current FW version available at www.st.com/bluemodules.
BlueNRG-M0
General description
DS13023 - Rev 3
page 3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com