Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDX051-2BU3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDX051-2BU3
Description  2 lines ESD protection in bidirectional for high-speed differential interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDX051-2BU3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDX051-2BU3 Datasheet HTML 2Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 3Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 4Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 5Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 6Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 7Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 8Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 9Page - STMicroelectronics ESDX051-2BU3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 11. Tape and reel specification (in mm)
Bar indicates Pin 1
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
2.0 ± 0.05
2.0 ± 0.05
Ø 1.5 ± 0.1
0.25 ± 0.03
0.38 ± 0.03
0.2 ± 0.02
Figure 12. Marking
Pin1
Pin2
Note:
The marking codes can be rotated by 90° or 180° to differentiate assembly location. In no case should this
product marking be used to orient the component for its placement on a PCB. Only pin 1 mark is to be used for
this purpose.
ESDX051-2BU3
0201 package information
DS13592 - Rev 1
page 6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com