Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVALSTPM-3PHISO Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSTPM-3PHISO
Description  Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTPM-3PHISO Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSTPM-3PHISO Datasheet HTML 1Page - STMicroelectronics EVALSTPM-3PHISO Datasheet HTML 2Page - STMicroelectronics EVALSTPM-3PHISO Datasheet HTML 3Page - STMicroelectronics EVALSTPM-3PHISO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
Compliant to EN 50470-x, IEC 62053-2x, ANSI12.2x standard requirements for
AC watt meters
•
Active wideband, active fundamental, reactive and apparent power/energy
calculation for each phase and cumulative
•
Accuracy Class 0.5 according to IEC 62053-22 on 3-ph active/apparent power
measurement
•
Accuracy Class 1 according to IEC 62053-21 on 3-ph reactive power
measurement
•
6 channels voltage and current decimated samples available @200 us
•
5 kHz measurement bandwidth
•
RMS and THD (optional) calculation of each voltage and current signal
•
Selectable high pass filter for DC measurement
•
Line period and phase shift measurement for each phase
•
Phase voltage delays
•
Full calibration (amplitude, power offset and samples offset for DC
measurement)
•
Two configurable LED for pulsed outputs
•
Communication through USB in virtual com port mode with shell commands
•
6 kV galvanic isolation between the phases with 8 mm creepage and clearance
Description
The EVALSTPM-3PHISO evaluation board implements a complete three-phase
energy meter with low-cost shunt current sensors.
The solution is based on the STPMS2 device, a double channel, 24-bits second
order sigma-delta modulator, measuring voltage and current for each phase through
a voltage divider and a shunt current sensor. Sensing circuitry and PCB layout are
optimized to maximize signal-to-noise ratio for optimal accuracy.
The STPMS2 oversamples the signal using a 4 MHz clock distributed in a
synchronized way by the microcontroller and outputs voltage and current sigma-delta
bitstreams, multiplexed on the same pin.
The two-wire communication between STPMS2 modulator and MCU is isolated by
STISO621W, 6 kV galvanic isolated interface, allowing up to 100 Mbps rate and low
pulse distortion (<3ns) for safe and fast data transfer between isolated domains.
The FW embedded in the solution exploits the DFSDM filters of the STM32F413RH
to convert the six bitstreams into 24-bits voltage and current data, at 200 us rate. All
the metrology parameters are computed real time on a 200 us basis.
Two LEDs are available for active and reactive pulses generation.
The FW also implements a virtual com port communication to easily access the
internal parameters to read metrology data, to modify the internal configuration for a
high flexibility of the application, and to calibrate the board.
Product status link
EVALSTPM-3PHISO
Three-phase full shunt electricity meter evaluation board based on STPMS2,
STISO621W and STM32F413RH
EVALSTPM-3PHISO
Data brief
DB4332 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVALSTPM-3PHISO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTPM32 STMICROELECTRONICS-EVALSTPM32 Datasheet
464Kb / 5P
2 programmable LEDs on board
31-Mar-2014
EVALSTPM33 STMICROELECTRONICS-EVALSTPM33 Datasheet
533Kb / 5P
IEC61000 standard compliant
31-Mar-2014
EVALSTPM34 STMICROELECTRONICS-EVALSTPM34 Datasheet
447Kb / 5P
2 programmable LEDs on board
31-Mar-2014
More results

Similar Description - EVALSTPM-3PHISO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
STEVAL-ISA039V1 STMICROELECTRONICS-STEVAL-ISA039V1 Datasheet
108Kb / 4P
Single phase 5A step-down converter evaluation board based on L6727
10-Jul-2007
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
UM1059 STMICROELECTRONICS-UM1059 Datasheet
470Kb / 9P
The STPMC1 and STPMS2 evaluation kit
15-Oct-2014
logo
International Rectifier
IRMD22381Q IRF-IRMD22381Q Datasheet
803Kb / 25P
Optional on-board phase shunt resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com