Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6986HTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6986HTR Datasheet HTML 34Page - STMicroelectronics L6986HTR Datasheet HTML 35Page - STMicroelectronics L6986HTR Datasheet HTML 36Page - STMicroelectronics L6986HTR Datasheet HTML 37Page - STMicroelectronics L6986HTR Datasheet HTML 38Page - STMicroelectronics L6986HTR Datasheet HTML 39Page - STMicroelectronics L6986HTR Datasheet HTML 40Page - STMicroelectronics L6986HTR Datasheet HTML 41Page - STMicroelectronics L6986HTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
5.4
Total loop gain
In summary, the open loop gain can be expressed as:
G(s)=GDIV(s)⋅GCO(s)⋅A0(s)
(32)
example 1:
VIN = 12 V, VOUT = 3.3 V, ROUT = 1.67 Ω
Selecting the L6986H with VOUT=3.3 V, fSW = 500 kHz, L = 10 µH, COUT = 20 µF and ESR = 3 mΩ, RC = 75 kΩ,
CC = 330 pF, CP = 2.2 pF (please refer to Table 19. L6986H 3V3 demonstration board BOM), the gain and phase
bode diagrams are plotted respectively in Figure 38. Module plot and Figure 39. Phase plot.
Figure 38. Module plot
BW = 55 kHZ
phase margin = 60 °
Figure 39. Phase plot
The blue solid trace represents the transfer function including the sampling effect term (see ), the dotted blue
trace neglects the contribution.
L6986H
Total loop gain
DS12905 - Rev 2
page 38/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com