Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS1102C Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 81Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 82Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 83Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 84Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 85Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 86Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 87Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 88Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 129 page
background image
Port Definitions
80
PRELIMINARY V1.8
To use P3.3/TXEN and P3.4/MODOUT as a special output port, PCR3 should be high.
And, a special output should be enabled in each block.
To use P3.6/NWR and P3.7/NRD as External Memory Read and Write Pins, PCR3
should be low. And, P3IO.6, P3IO.7, P3.6, and P3.7 latch should be high. To use P3.6/
NWR and P3.7/NRD as normal Port Pins, don’t use MOVX instructions that access
External Data Memory.
When P3NOPNx = 0, Port-3.x output buffer will be CMOS Push-Pull. But, P3NOPNx
= 1, Port-3.x output buffer will become N-channel Open Drain.
Figure 27.
Port 3
Address
B0H
Bit Addr.
B7H
B6H
B5H
B4H
B3H
B2H
B1H
B0H
BIT
7
6
5
4
3
2
1
0
NAME
P37
P36
P35
P34
P33
P32
P31
P30
MUX
0
1
SFR
P3
[7:0]
Pin
SFR
P3RD
[7:0]
To
CPU
MUX
Read-Modify-Write
R
PMOS
VDD
or
Output Enable
NHIZ
TXEN, MODOUT
TXENOE, MODOUTOE
CPTRU2, CPTRU1, CPTRD1, DI, IRQ1, IRQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com