Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

22MMPLUG-2 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # 22MMPLUG-2
Description  Sonalert짰 Accessory Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

22MMPLUG-2 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  22MMPLUG-2 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
22MMPLUG
(add -2 or -4 at end)
Sonalert
® Accessory Drawing
Revision
A
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A
 Phone: (317)612-1000 Fax: (317)612-1010  www.mallory-sonalert.com
# Poles
Dim A
Dim B
Operating Temp.
-2
7.8mm(0.307”)
3.5mm(0.138”)
-40 to +105°C
-4
14.8mm(0.583”)
10.5mm(0.413”)
-40 to +105°C


Similar Part No. - 22MMPLUG-2

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
22MMPLUG-4 MSPI-22MMPLUG-4 Datasheet
42Kb / 1P
Sonalert Accessory Drawing
More results

Similar Description - 22MMPLUG-2

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8927301ZAC ZILOG-Z8927301ZAC Datasheet
155Kb / 4P
Z89273 ACCESSORY KIT
Z8927302ZAC ZILOG-Z8927302ZAC Datasheet
145Kb / 4P
Z89273 ACCESSORY KIT
Z8937100ZAC ZILOG-Z8937100ZAC Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
logo
Tyco Electronics
1EBF1 MACOM-1EBF1 Datasheet
475Kb / 2P
Accessory Outlet Filter
1EBF1 MACOM-1EBF1_11 Datasheet
185Kb / 3P
Accessory Outlet Filter
logo
CUI INC
PPR-1U CUI-PPR-1U Datasheet
1Mb / 11P
RACK ACCESSORY
logo
Ledil, Inc.
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
logo
Harris Corporation
HA-TF-30-520 HARRIS-HA-TF-30-520 Datasheet
81Kb / 2P
TUNABLE FILTER ACCESSORY
logo
Mallory Sonalert Produc...
22MMPLUG-4 MSPI-22MMPLUG-4 Datasheet
42Kb / 1P
Sonalert Accessory Drawing
logo
Pepperl+Fuchs Inc.
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
Accessory camera lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com