Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP596 Datasheet(PDF) 1 Page - 3M Electronics

Part # AP596
Description  Adhesion Promoter/Primer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AP596 Datasheet(HTML) 1 Page - 3M Electronics

  AP596 Datasheet HTML 1Page - 3M Electronics AP596 Datasheet HTML 2Page - 3M Electronics AP596 Datasheet HTML 3Page - 3M Electronics AP596 Datasheet HTML 4Page - 3M Electronics AP596 Datasheet HTML 5Page - 3M Electronics AP596 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Adhesion Promoter/Primer
3M™ Adhesion Promoter AP596
3M™ All Purpose Primer P591
3M™ Metal Primer P592
Technical Data
April 2018
Product Description
3M™ Adhesion Promoter AP596 and 3M™ Primers P591, P592 are low viscosity adhesion promoters
recommended for use with the 3M™ 500-Series Polyurethane Adhesives/Sealants and 3M™ 700-
Series SMP Adhesives/Sealants, as well as the 3M™ Polyurethane Glass Adhesive Sealant
590 and Polyurethane Window Bonder Adhesive Sealant 595. 3M Adhesion Promoters and Primers are
applied to a wide variety of materials including glass, acrylic/PMMA, polycarbonate, and many other
materials prior to t h e adhesive/sealant use to assist in bonding.
Technical Data
Note: The following technical information and data should be considered
representative
or typical only and should not be used for specification purposes.
3M™
Adhesion
Promoter
AP596
3M™ All
Purpose
Primer
P591
3M™
Metal
Primer
P592
Color
Clear
Black
Clear
Viscosity
Water Thin
Water Thin
Water Thin
Solids (%)
3
36.5
1.5
VOC (g/l)
798
613
790
Active
Ingredient
Silane /
Ethanol
Isocyanate /
MEK
Silane /
Ethanol


Similar Part No. - AP596

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AP596 3M-AP596 Datasheet
387Kb / 6P
Adhesion Promoter/Primer
More results

Similar Description - AP596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPC219 ETC2-PPC219 Datasheet
535Kb / 1P
Construction Substrate material, primer, adhesive
AMWx06-A1U ETC2-AMWx06-A1U Datasheet
1Mb / 13P
Serial Communications Primer
logo
Silicon Laboratories
AN307 SILABS-AN307 Datasheet
1Mb / 14P
RECEIVE POWER SCAN PRIMER
logo
Laird Tech Smart Techno...
13-211-NF LSTD-13-211-NF Datasheet
97Kb / 1P
Good adhesion
logo
3M Electronics
AP596 3M-AP596 Datasheet
387Kb / 6P
Adhesion Promoter/Primer
86A 3M-86A Datasheet
223Kb / 3P
Adhesion Promoter 86A
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
AC-137 3M-AC-137 Datasheet
69Kb / 2P
3M??Adhesion Promoter AC-137 Clear
AC-132 3M-AC-132 Datasheet
73Kb / 2P
3M??Adhesion Promoter AC-132
logo
List of Unclassifed Man...
NE602 ETC-NE602 Datasheet
996Kb / 6P
NE602 PRIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com