Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24128X-FCU Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24128X-FCU
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24128X-FCU Datasheet HTML 17Page - STMicroelectronics M24128X-FCU Datasheet HTML 18Page - STMicroelectronics M24128X-FCU Datasheet HTML 19Page - STMicroelectronics M24128X-FCU Datasheet HTML 20Page - STMicroelectronics M24128X-FCU Datasheet HTML 21Page - STMicroelectronics M24128X-FCU Datasheet HTML 22Page - STMicroelectronics M24128X-FCU Datasheet HTML 23Page - STMicroelectronics M24128X-FCU Datasheet HTML 24Page - STMicroelectronics M24128X-FCU Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Table 15. 400 kHz AC characteristics (fast mode);
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
ns
tQL1QL2 (1)
tF
SDA (out) fall time
20 (2)
300
ns
tXH1XH2
tR
Input signal rise time
(3)
(3)
ns
tXL1XL2
tF
Input signal fall time
(3)
(3)
ns
tDXCH
tSU:DAT Data in set up time
100
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX (4)
tDH
Data out hold time
50
-
ns
tCLQV (5)
tAA
Clock low to next data valid (access time)
-
900
ns
tCHDL
tSU:STA
Start condition setup time
600
-
ns
tDLCL
tHD:STA Start condition hold time
600
-
ns
tCHDH
tSU:STO Stop condition set up time
600
-
ns
tDHDL
tBUF
Time between Stop condition and next Start condition
1300
-
ns
tW
tWR
Write time
-
5
ms
tNS (1)
-
Pulse width ignored (input filter on SCL and SDA) - single glitch
-
50
ns
1. Characterized only, not tested in production.
2. With CL = 10 pF.
3. There is no min. or max. value for the input signal rise and fall times. It is however recommended by the I²C specification
that the input signal rise and fall times be more than 20 ns and less than 300 ns when fC < 400 kHz.
4. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of
SDA
5. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3VCC or 0.7VCC, assuming
that Rbus × Cbus time constant is within the values specified in Figure 12.
M24128X-FCU
DC and AC parameters
DS12680 - Rev 2
page 21/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com