Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMA6T22CAY Datasheet(PDF) 12 Page - STMicroelectronics

Part # SMA6T22CAY
Description  Automotive 600 W TVS in SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T22CAY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SMA6T22CAY Datasheet HTML 5Page - STMicroelectronics SMA6T22CAY Datasheet HTML 6Page - STMicroelectronics SMA6T22CAY Datasheet HTML 7Page - STMicroelectronics SMA6T22CAY Datasheet HTML 8Page - STMicroelectronics SMA6T22CAY Datasheet HTML 9Page - STMicroelectronics SMA6T22CAY Datasheet HTML 10Page - STMicroelectronics SMA6T22CAY Datasheet HTML 11Page - STMicroelectronics SMA6T22CAY Datasheet HTML 12Page - STMicroelectronics SMA6T22CAY Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
Table 7. Document revision history
Date
Revision Changes
15-Sep-2010
1
Initial release.
18-Oct-2011
2
Deleted old Table 2. Thermal parameter. Updated Table 2 and added order codes in Table 4.
Updated Figure 5, Figure 10 and Figure 11.
27-Mar-2012
3
Added footnote on page 1.
25-Jan-2018
4
Updated Table 2. Electrical characteristics (Tamb = 25 °C, unless otherwise specified).
07-Dec-2018
5
Updated Table 5. Ordering information.
04-Sep-2020
6
Updated Table 2, Figure 7, Figure 8 and Table 6. Added Figure 6.
26-Oct-2020
7
Updated Table 2.
28-Oct-2020
8
Updated product status link.
SMA6TY
DS6931 - Rev 8
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com