Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 58Page - STMicroelectronics STM8S003F3 Datasheet HTML 59Page - STMicroelectronics STM8S003F3 Datasheet HTML 60Page - STMicroelectronics STM8S003F3 Datasheet HTML 61Page - STMicroelectronics STM8S003F3 Datasheet HTML 62Page - STMicroelectronics STM8S003F3 Datasheet HTML 63Page - STMicroelectronics STM8S003F3 Datasheet HTML 64Page - STMicroelectronics STM8S003F3 Datasheet HTML 65Page - STMicroelectronics STM8S003F3 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
Electrical characteristics
STM8S003F3 STM8S003K3
62/103
DS7147 Rev 10
Figure 18. HSE oscillator circuit diagram
Table 33. HSE oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE
External high speed oscillator
frequency
-1
-
16
MHz
RF
Feedback resistor
-
-
220
-
k
Ω
C(1)
Recommended load capacitance (2)
--
-
20
pF
IDD(HSE) HSE oscillator power consumption
C = 20 pF,
fOSC = 16 MHz
--
6 (startup)
1.6 (stabilized)(3)
mA
C = 10 pF,
fOSC = 16 MHz
--
6 (startup)
1.2 (stabilized)(3)
gm
Oscillator transconductance
-
5
-
-
mA/V
tSU(HSE)(4) Startup time
VDD is stabilized
-
1
-
ms
1. C is approximately equivalent to 2 x crystal Cload.
2. The oscillator selection can be optimized in terms of supply current using a high quality resonator with small Rm value.
Refer to crystal manufacturer for more details
3. Data based on characterization results.
4.
tSU(HSE) is the start-up time measured from the moment it is enabled (by software) to a stabilized 16 MHz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
OSCOUT
OSCIN
fHSE to core
CL1
RF
STM8
Resonator
Consumption
control
gm
Rm
Cm
Lm
Resonator
CL2
CO
MS36490V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com