Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC62LS2008AI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UC62LS2008AI
Description  Low Power CMOS SRAM 256K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS2008AI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UC62LS2008AI Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LS2008
-20/-25
AC TEST CONDITIONS
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Level
VCC/0V
1V/ns
0.5VCC
AC TEST LOADS AND WAVEFORMS
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1A
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1B
667
Ω
TERMINAL EQUIVALENT
OUTPUT
1.73V
GND
V
CC
1V/ns
1V/ns
10%
90%
90%
10%
ALL INPUT PULSES
FIGURE 2
KEY TO SWITCHING WAVEFORMS
WAVEFORMS
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGE
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE
STATE
UNKNOWN
DOES NOT
APPLY
CENTER LINE
IS HIGH
IMPEDANCE
OFF STATE
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=3.0V~3.6V)
READ CYCLE
UC62LS2008-20
UC62LS2008-25
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tRC
Read Cycle Time
20
-
-
25
-
-
Ns
tAVQV
tAA
Address Access Time
-
-
20
-
-
25
Ns
tELQV
tCE
Chip Select Access Time
-
-
20
-
-
25
Ns
tGLQV
tOE
Output Enable to Output Valid
-
-
10
-
-
10
Ns
tELQX
tCLZ
Chip Select to Output Low Z
5
-
-
5
-
-
Ns
tGLQX
tOLZ
Output Enable to Output Low Z
3
-
-
3
-
-
Ns
tEHQZ
tCHZ
Chip Deselect to Output in High Z
-
-
10
-
-
10
Ns
tGHQZ
tOHZ
Output Disable to Output in High Z
-
-
10
-
-
10
Ns
tAXOX
tOH
Address Chang to Output Change
5
-
-
5
-
-
Ns
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com