Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S003F3P6
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S003F3P6 Datasheet HTML 19Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 20Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 21Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 22Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 23Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 24Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 25Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 26Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
DS7147 Rev 10
23/103
STM8S003F3 STM8S003K3
Pinouts and pin descriptions
29
3
PA2/OSCOUT
I/O X
XX
-
O1 X
X Port A2
Resonator/
crystal out
-
4VSS
S
-
-
-
-
-
-
- Digital ground
-
5
VCAP
S
-
-
-
-
-
-
- 1.8 V regulator capacitor
-
6VDD
S
-
-
-
-
-
-
- Digital power supply
-
7
PA3/TIM2_CH3
[SPI_NSS]
I/O X
XX HS O3 X
X Port A3
Timer 2
channel 3
SPI master/
slave select
[AFR1]
8PF4
I/O X
X-
-
O1 X
X Port F4
--
9
PB7
I/O X
X-
-
O1 X
X Port B7
--
10
PB6
I/O X
X-
-
O1 X
X Port B6
--
11
PB5/I2C_SDA
I/O X
-X
-
O1 T(3) - Port B5 I2C data
-
12
PB4/I2C_SCL
I/O X
-X
-
O1 T(3) -
Port B4 I2C clock
-
13
PB3/AIN3
[TIM1_ETR]
I/O X
XX HS O3 X
X Port B3
Analog
input 3/Timer 1
external trigger
-
14
PB2/AIN2
[TIM1_CH3N]
I/O X
XX HS O3 X
X Port B2
Analog
input 2/Timer 1
- inverted
channel 3
-
15
PB1/AIN1
[TIM1_CH2N]
I/O X
XX HS O3 X
X Port B1
Analog
input 1/Timer 1
- inverted
channel 2
-
16
PB0/AIN0
[TIM1_CH1N]
I/O X
XX HS O3 X
X Port B0
Analog
input 0/Timer 1
- inverted
channel 1
-
17
PE5/SPI_NSS
I/O X
XX HS O3 X
X Port E5
SPI
master/slave
select
-
18
PC1/TIM1_CH1/
UART1_CK
I/O X
XX HS O3 X
X Port C1
Timer 1 -
channel 1
UART1 clock
-
19
PC2/TIM1_CH2
I/O X
XX HS O3 X
X Port C2
Timer 1-
channel 2
-
20
PC3/TIM1_CH3
I/O X
XX HS O3 X
X Port C3
Timer 1 -
channel 3
-
Table 5. STM8S003K3 descriptions (continued)
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com