Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F334C6U7TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F334C6U7TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C6U7TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F334C6U7TR Datasheet HTML 17Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 18Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 19Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 20Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 21Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 22Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 23Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 24Page - STMicroelectronics STM32F334C6U7TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
DS9994 Rev 9
21/125
STM32F334x4 STM32F334x6 STM32F334x8
Functional overview
46
independently. A pending register maintains the status of the interrupt requests. The EXTI
can detect an external line with a pulse width shorter than the internal clock period. Up to 51
GPIOs can be connected to the 16 external interrupt lines.
3.10
Fast analog-to-digital converter (ADC)
Two 5 MSPS fast analog-to-digital converters, with selectable resolution between 12 and 6
bit, are embedded in the STM32F334x4/6/8 family devices. The ADCs have up to 21
external channels. Some of the external channels are shared between ADC1 and ADC2,
performing conversions in single-shot or scan modes. The channels can be configured to be
either single-ended input or differential input. In scan mode, automatic conversion is
performed on a selected group of analog inputs.
The ADCs also have internal channels: temperature sensor connected to ADC1 channel 16,
VBAT/2 connected to ADC1 channel 17, voltage reference VREFINT connected to both ADC1
and ADC2 channel 18 and VOPAMP2 connected to ADC2 channel 17.
Additional logic functions embedded in the ADC interface allow:
•
Simultaneous sample and hold
•
Interleaved sample and hold
•
Single-shunt phase current reading techniques.
Three analog watchdogs are available per ADC. The ADC can be served by the DMA
controller.
The analog watchdog feature allows very precise monitoring of the converted voltage of
one, some or all selected channels. An interrupt is generated when the converted voltage is
outside the programmed thresholds.
The events generated by the general-purpose timers (TIM2, TIM3, TIM6, TIM15), the
advanced-control timer (TIM1) and the High-resolution timer (HRTIM1) can be internally
connected to the ADC start trigger and injection trigger, respectively, to allow the application
to synchronize A/D conversion and timers.
3.10.1
Temperature sensor
The temperature sensor (TS) generates a voltage VSENSE that varies linearly with
temperature.
The temperature sensor is internally connected to the ADC1_IN16 input channel that is
used to convert the sensor output voltage into a digital value.
The sensor provides good linearity but it has to be calibrated to obtain good overall
accuracy of the temperature measurement. As the offset of the temperature sensor varies
from chip to chip due to process variation, the uncalibrated internal temperature sensor is
suitable for applications that detect temperature changes only.
To improve the accuracy of the temperature sensor measurement, each device is
individually factory-calibrated by ST. The temperature sensor factory calibration data are
stored by ST in the system memory area, accessible in read-only mode.
3.10.2
Internal voltage reference (VREFINT)
The internal voltage reference (VREFINT) provides a stable (bandgap) voltage output for the
ADC and Comparators. VREFINT is internally connected to the ADC1_IN18 and ADC2_IN18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com