Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9446-80PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9446-80PCB
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446-80PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9446-80PCB Datasheet HTML 23Page - Analog Devices AD9446-80PCB Datasheet HTML 24Page - Analog Devices AD9446-80PCB Datasheet HTML 25Page - Analog Devices AD9446-80PCB Datasheet HTML 26Page - Analog Devices AD9446-80PCB Datasheet HTML 27Page - Analog Devices AD9446-80PCB Datasheet HTML 28Page - Analog Devices AD9446-80PCB Datasheet HTML 29Page - Analog Devices AD9446-80PCB Datasheet HTML 30Page - Analog Devices AD9446-80PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AD9446
Rev. 0 | Page 27 of 36
POWER CONSIDERATIONS
Care should be taken when selecting a power source. The use of
linear dc supplies is highly recommended. Switching supplies
tend to have radiated components that may be received by the
AD9446. Each of the power supply pins should be decoupled as
closely to the package as possible using 0.1 μF chip capacitors.
The AD9446 has separate digital and analog power supply pins.
The analog supplies are denoted AVDD1 (3.3 V) and AVDD2
(5 V), and the digital supply pins are denoted DRVDD. Although
the AVDD1 and DRVDD supplies can be tied together, best per-
formance is achieved when the supplies are separate. This is
because the fast digital output swings can couple switching
current back into the analog supplies. Note that both AVDD1
and AVDD2 must be held within 5% of the specified voltage.
The DRVDD supply of the AD9446 is a dedicated supply for the
digital outputs in either LVDS or CMOS output mode. When in
LVDS mode, the DRVDD should be set to 3.3 V. In CMOS mode,
the DRVDD supply can be connected from 2.5 V to 3.6 V for
compatibility with the receiving logic.
DIGITAL OUTPUTS
LVDS Mode
The off-chip drivers on the chip can be configured to provide
LVDS-compatible output levels via Pin 3 (OUTPUT MODE).
LVDS outputs are available when OUTPUT MODE is CMOS
logic high (or AVDD1 for convenience) and a 3.74 kΩ RSET
resistor is placed at Pin 5 (LVDS_BIAS) to ground. Dynamic
performance, including both SFDR and SNR, is maximized
when the AD9446 is used in LVDS mode; designers are
encouraged to take advantage of this mode. The AD9446
outputs include complimentary LVDS outputs for each data bit
(Dx+/Dx−), the overrange output (OR+/OR−), and the output
data clock output (DCO+/DCO−). The RSET resistor current is
multiplied on-chip, setting the output current at each output
equal to a nominal 3.5 mA (11 × IR
SET). A 100 Ω differential
termination resistor placed at the LVDS receiver inputs results
in a nominal 350 mV swing at the receiver. LVDS mode
facilitates interfacing with LVDS receivers in custom ASICs and
FPGAs that have LVDS capability for superior switching
performance in noisy environments. Single point-to-point net
topologies are recommended, with a 100 Ω termination resistor
located as close to the receiver as possible. It is recommended to
keep the trace length less than 2 inches and to keep differential
output trace lengths as equal as possible.
CMOS Mode
In applications that can tolerate a slight degradation in dynamic
performance, the AD9446 output drivers can be configured to
interface with 2.5 V or 3.3 V logic families by matching
DRVDD to the digital supply of the interfaced logic. CMOS
outputs are available when OUTPUT MODE is CMOS logic
low (or AGND for convenience). In this mode, the output data
bits, Dx, are single-ended CMOS, as is the overrange output,
OR+. The output clock is provided as a differential CMOS
signal, DCO+/DCO−. Lower supply voltages are recommended
to avoid coupling switching transients back to the sensitive
analog sections of the ADC. The capacitive load to the CMOS
outputs should be minimized, and each output should be
connected to a single gate through a series resistor (220 Ω) to
minimize switching transients caused by the capacitive loading.
TIMING
The AD9446 provides latched data outputs with a pipeline delay
of 13 clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of CLK+. Refer to Figure 2 and
Figure 3 for detailed timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com