Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELL8TP331MB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL8TP331MB
Description  Power Inductors Wire Wound type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL8TP331MB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL8TP331MB Datasheet HTML 1Page - Panasonic Semiconductor ELL8TP331MB Datasheet HTML 2Page - Panasonic Semiconductor ELL8TP331MB Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Power Inductors
8 °
max.
R0.5 max.
R0.5 max.
2.0±0.3
4.0±0.3
16.0±0.3
f1.50±0.07
Quantity 500 pcs./reel
Tape running direction
Standard Parts
Embossed Carrier Tape Dimensions in mm (not to scale)
✽1 Saturation Rated Current : This DC current which causes a 30% inductance reduction from its nominal value.
✽2 Temperature Rise Current : This indicates the value of current when temperature rise dt/t= 40 °C (at 20 °C).
Part No.
Inductance
(100 kHz)
RDC
(at 20 °C)
Saturation
Rated Current✽
1
(mA max.)
Temperature
Rise Current✽
2
(mA max.)
Marking
(µH)
Tol.
(m
Ω)Tol.
ELL8TPR80NB
0.8
±30 %
3.6
±30 %
9500
9000
R80
ELL8TP1R2NB
1.2
4.7
8500
8000
1R2
ELL8TP2R5NB
2.5
7
±20 %
5500
6500
2R5
ELL8TP3R3NB
3.3
13
5000
4200
3R3
ELL8TP4R7NB
4.7
14
4000
4000
4R7
ELL8TP6R8NB
6.8
18
3500
3500
6R8
ELL8TP100MB
10.0
±20 %
25
3000
3000
100
ELL8TP150MB
15.0
44
2300
2300
150
ELL8TP220MB
22.0
55
2200
2000
220
ELL8TP330MB
33.0
84
1600
1600
330
ELL8TP470MB
47.0
100
1400
1500
470
ELL8TP680MB
68.0
140
1000
1300
680
ELL8TP101MB
100.0
190
900
1100
101
ELL8TP151MB
150.0
340
700
800
151
ELL8TP221MB
220.0
480
550
700
221
ELL8TP331MB
330.0
700
450
570
331
ELL8TP471MB
470.0
1000
400
480
471
ELL8TP681MB
680.0
1300
300
430
681
ELL8TP102MB
1000.0
2100
250
330
102
Oct. 2014
02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com