Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431C6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS, up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 72Page - STMicroelectronics STM32G431C6 Datasheet HTML 73Page - STMicroelectronics STM32G431C6 Datasheet HTML 74Page - STMicroelectronics STM32G431C6 Datasheet HTML 75Page - STMicroelectronics STM32G431C6 Datasheet HTML 76Page - STMicroelectronics STM32G431C6 Datasheet HTML 77Page - STMicroelectronics STM32G431C6 Datasheet HTML 78Page - STMicroelectronics STM32G431C6 Datasheet HTML 79Page - STMicroelectronics STM32G431C6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 197 page
background image
Table 21. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Run)
Supply current
in Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48 MHz
all peripherals
disable
Range 2
26 MHz
3.20
3.35
3.60
4.15
5.05
3.90
4.90
7.40
11.0
15.0
mA
16 MHz
2.05
2.15
2.50
3.05
3.95
2.70
3.70
6.10
9.30
14.0
8 MHz
1.10
1.25
1.60
2.10
3.05
1.70
2.60
5.10
8.30
13.0
4 MHz
0.635 0.755 1.15
1.65
2.60
1.10
2.10
3.60
7.60
13.0
2 MHz
0.400 0.525 0.910
1.45
2.35
0.840 1.90
3.40
7.40
12.0
1 MHz
0.280 0.415 0.800
1.35
2.25
0.710 1.70
3.20
7.30
12.0
100 KHz 0.170 0.305 0.690
1.20
2.15
0.590 1.60
3.10
1.00
12.0
Range 1
Boost
mode
170 MHz
25.5
26.0
27.0
27.5
29.0
28.0
29.0
33.0
38.0
44.0
Range 1
150 MHz
21.0
21.5
22.0
23.0
24.0
23.0
24.0
28.0
32.0
38.0
120 MHz
17.0
17.5
18.0
18.5
20.0
19.0
20.0
24.0
28.0
33.0
80 MHz
11.5
11.5
12.5
13.0
14.0
13.0
14.0
18.0
22.0
27.0
72 MHz
10.5
10.5
11.0
12.0
13.0
12.0
13.0
17.0
21.0
26.0
64 MHz
9.30
9.50
10.0
11.0
12.0
11.0
12.0
15.0
20.0
25.0
48 MHz
6.95
7.15
7.45
8.15
9.30
8.10
9.40
13.0
17.0
23.0
32 MHz
4.70
4.90
5.25
5.95
7.10
5.80
7.10
11.0
15.0
20.0
24 MHz
3.60
3.80
4.20
4.85
6.00
4.60
5.90
9.20
14.0
19.0
16 MHz
2.45
2.65
3.10
3.75
4.90
3.40
4.70
8.00
13.0
18.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com