Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H755IIK3TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H755IIK3TR
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H755IIK3TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H755IIK3TR Datasheet HTML 13Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 14Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 15Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 16Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 17Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 18Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 19Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 20Page - STMicroelectronics STM32H755IIK3TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 252 page
background image
DS12919 Rev 1
17/252
STM32H755xI
Description
54
Maximum CPU frequency
480 MHz(2)
400 MHz(3)
300 MHz(4)
Operating voltage
1.62 to 3.6 V(5)
Operating
temperatures
Ambient temperature
–40 up to +85 °C(6)
Junction temperature
–40 to + 125 °C
Extended
operating
temperatures
Ambient temperature
–40 to + 125 °C(4)(7)
Junction temperature
–40 to + 140 °C(8)
Package
LQFP144
LQFP
176
UFBGA
176+
25
LQFP208
TFBGA240+
25
1. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio
mode.
2. The product junction temperature must be kept within the –40 to +105 °C range.
3. The product junction temperature must be kept within the –40 to +125 °C range.
4. Up to 300 MHz for STM32H755xxx3 sales types (extended industrial temperature range).
5. VDD/VDDA can drop down to 1.62 V by using an external power supervisor (see Section 3.5.2: Power supply supervisor) and
connecting PDR_ON pin to VSS. Otherwise the supply voltage must stay above 1.71 V with the embedded power voltage
detector enabled.
6. Using appropriate cooling methods to guarantee that the maximum junction temperature (125 °C) is not exceeded, the
maximum ambient temperature (85°C) can be exceeded.
7. The product junction temperature must be kept within the –40 to +140 °C range.
8. It is mandatory to use the SMPS step-down converter when the maximum junction temperature is higher than 125 °C.
Table 1. STM32H755xI features and peripheral counts (continued)
Peripherals
STM32H755ZI
STM32H755II
STM32H755BI
STM32H755
XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com