Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLS835D2ELVSE Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS835D2ELVSE
Description  OPTIREG??Linear TLS835D2ELVSE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS835D2ELVSE Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS835D2ELVSE Datasheet HTML 17Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 18Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 19Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 20Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 21Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 22Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 23Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 24Page - Infineon Technologies AG TLS835D2ELVSE Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
21
Rev. 1.1
2018-09-17
OPTIREG™ Linear TLS835D2ELVSE
Low Dropout Linear Voltage Regulator
Block description and electrical characteristics
4.6
Typical performance characteristics enable
Output voltage VQ versus
time t (EN switched on)
Output voltage VQ versus
time t (EN switched on)
Enable input current IEN versus
enable input voltage VEN
0
0.5
1
1.5
0
1
2
3
4
5
6
7
t [ms]
V
I
= 13.5 V
I
Q
= 100 mA
V
Q,nom
= 5 V
V
Q
for T
j
=−40
°C
V
Q
for T
j
= 25
°C
V
Q
for T
j
= 150
°C
V
EN
0
0.5
1
1.5
0
1
2
3
4
5
6
7
t [ms]
V
I
= 13.5 V
I
Q
= 100 mA
V
Q,nom
= 3.3 V
V
Q
for T
j
=−40
°C
V
Q
for T
j
= 25
°C
V
Q
for T
j
= 150
°C
V
EN
0
10
20
30
40
0
2
4
6
8
10
12
14
16
18
20
V
EN
[V]
T
j
=−40
°C
T
j
= 25
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com