Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8457DLE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8457DLE
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457DLE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8457DLE Datasheet HTML 2Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 3Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 4Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 5Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 6Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 7Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 8Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 9Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
6
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Functional description
4
Functional description
4.1
Operating modes
The operation mode of the TLE8457C / TLE8457D is controlled with the EN and TxD input pins (see Figure 3
and Table 2). The TLE8457C / TLE8457D has 3 major operation modes:
• Normal operation mode
•Standby mode
•Sleep mode
Figure 3
Operation mode state diagram
Table 1
Operation mode transitions
No. Reason for transition
Comment
1Power-on detection
The VS supply voltage rise above the VS,PON power-on reset level.
2
Mode change with EN input
Triggered by logic “high” level. VCC has to be in the functional
range.
3
Mode change with EN and TxD inputs Triggered by logic “low” level on EN while TxD is held “high”.
VCC has to be in the functional range.
4
Mode change with EN and TxD inputs Triggered by logic “low” level on EN and TxD. VCC has to be in the
functional range.
5
Mode change with EN input
Triggered by logic “high” level.
TLE8457CD_MODE_DIAGRAM
1) Wake-up Source:
RxD:
logical „high“ after Power-up or transistion with EN input
RxD:
logical „low“ after BUS Wake-up detection
2) Reset:
Normal Operation Mode
LIN transceiver: On
LDO regulator: On
EN: High
NRST: High
2)
Sleep Mode
LIN transceiver: Off
LDO regulator: Off
EN: Low
NRST: Low
BUS Wake-up
Power-up
Standby Mode
LIN transceiver: Off
LDO regulator: On
EN: Low
RxD: Wake-up source
1)
NRST: High
2)
2
3
1
4
5
6
7
EN AND
TxD
- An undervoltage (VCC < VCC,UV) on VCC is signaled with NRST goes „low“
- If NRST is „low“ the transceiver is disabled
- NRST will stay „low“ for the time
tRST after VCC powered up (VCC > VCC,UV)
and NRST=1
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com