Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G031F6P6TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32G031F6P6TR
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6P6TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32G031F6P6TR Datasheet HTML 35Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 36Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 37Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 38Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 39Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 40Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 41Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 42Page - STMicroelectronics STM32G031F6P6TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
DS12992 Rev 2
39/117
STM32G031x4/x6/x8
Pinouts, pin description and alternate functions
39
-B4 20 23 27 42
PB3
I/O
FT
-
SPI1_SCK/I2S1_CK,
TIM1_CH2, TIM2_CH2,
USART1_RTS_DE_CK,
EVENTOUT
-
-B4 20 24 28 43
PB4
I/O
FT
-
SPI1_MISO/I2S1_MCK,
TIM3_CH1, USART1_CTS,
TIM17_BK, EVENTOUT
-
8B4 20 25 29 44
PB5
I/O
FT
-
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM16_BK,
LPTIM1_IN1, I2C1_SMBA
WKUP6
8B4 20 26 30 45
PB6
I/O
FT_f
-
USART1_TX, TIM1_CH3,
TIM16_CH1N, SPI2_MISO,
LPTIM1_ETR, I2C1_SCL,
EVENTOUT
-
--
-
-
-
46
PB7
I/O
FT_f
-
USART1_RX, SPI2_MOSI,
TIM17_CH1N, LPTIM1_IN2,
I2C1_SDA, EVENTOUT
PVD_IN
1 A5 1
27 31
-
PB7
I/O
FT_fa
-
USART1_RX, SPI2_MOSI,
TIM17_CH1N, LPTIM1_IN2,
I2C1_SDA, EVENTOUT
ADC_IN11, PVD_IN
1 A5 1
28 32 47
PB8
I/O
FT_f
-
SPI2_SCK, TIM16_CH1,
I2C1_SCL, EVENTOUT
-
1 B6 2
-
1
48
PB9
I/O
FT_f
-
IR_OUT, TIM17_CH1,
SPI2_NSS, I2C1_SDA,
EVENTOUT
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3
mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (for example to drive a LED).
2. After an RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers. The RTC registers are not reset upon system reset. For details on how to manage these GPIOs, refer to
the RTC domain and RTC register descriptions in the RM0444 reference manual.
3. Pins PA9 and PA10 can be remapped in place of pins PA11 and PA12 (default mapping), using SYSCFG_CFGR1 register.
4. Upon reset, these pins are configured as SWD alternate functions, and the internal pull-up on PA13 pin and the internal pull-
down on PA14 pin are activated.
Table 12. Pin assignment and description (continued)
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com