Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G483CEU6TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32G483CEU6TR
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G483CEU6TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32G483CEU6TR Datasheet HTML 67Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 68Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 69Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 70Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 71Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 72Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 73Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 74Page - STMicroelectronics STM32G483CEU6TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 230 page
background image
4.11
Alternate functions
Table 13. Alternate function
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C3/
TIM1/2/3/4/5/8/1
5/20/
GPCOMP1
QUADSPI/
I2C3/4/SAI/
USB/
TIM8/15/20/GPC
OMP3/
TSC
I2C1/2/3/
4/
TIM1/8/1
6/17
QUADSPI/SP
I1/2/3/4/I2S2/
3/
I2C4/
UART4/5/TIM
8/
Infrared
QUADSPI/S
PI2/3/
I2S2/3/
TIM1/5/8/20
/
Infrared
USART1/2/3
/CAN/
GPCOMP5/6
/7
I2C3/4/
UART4/5/L
PUART1/G
PCOMP1/2/
3/4/5/6/7
CAN/
TIM1/8/1
5/CAN1/2
QUADSPI/TI
M2/3/4/8/17
LPTIM1/
TIM1/8/C
AN1/3
SDIO/FMC/
LPUART1/
SAI
TIM1
SAI/OPAMP2
UART4/5/
SAI/
TIM2/15/
UCPD
EVENT
PA0
-
TIM2_CH1
TIM5_CH1
-
-
-
-
USART2_
CTS
COMP1
_OUT
TIM8_
BKIN
TIM8_ETR
-
-
-
TIM2_
ETR
EVENT
OUT
PA1
RTC_
REFIN
TIM2_CH2
TIM5_CH2
-
-
-
-
USART2_
RTS_DE
-
TIM15_C
H1N
--
-
-
-
EVENT
OUT
PA2
-
TIM2_CH3
TIM5_CH3
-
-
-
-
USART2_
TX
COMP2
_OUT
TIM15_C
H1
QUADSPI_B
K1_NCS
-
LPUART1_TX
-
UCPD_
FRSTX
EVENT
OUT
PA3
-
TIM2_CH4
TIM5_CH4
SAI_CK1
-
-
-
USART2_
RX
-
TIM15_C
H2
QUADSPI_C
LK
-
LPUART1_RX
SAI_MCLK_A
-
EVENT
OUT
PA4
-
-
TIM3_CH2
-
-
SPI1_NSS
SPI3_NSS/I
2S3_WS
USART2_
CK
-
-
-
-
-
SAI_FS_B
-
EVENT
OUT
PA5
-
TIM2_CH1
TIM2_ETR
-
-
SPI1_SCK
-
-
-
-
-
-
-
-
UCPD_
FRSTX
EVENT
OUT
PA6
-
TIM16_CH1
TIM3_CH1
-
TIM8_
BKIN
SPI1_MISO
TIM1_BKIN
-
COMP1
_OUT
-
QUADSPI_B
K1_IO3
-
LPUART1_
CTS
--
EVENT
OUT
PA7
-
TIM17_CH1
TIM3_CH2
-
TIM8_
CH1N
SPI1_MOSI
TIM1_CH1
N
-
COMP2_
OUT
-
QUADSPI_B
K1_IO2
--
-
UCPD_
FRSTX
EVENT
OUT
PA8
MCO
-
-
-
I2C2_
SMBA
I2S2_MCK
TIM1_CH1
USART1_
CK
COMP7
_OUT
-
TIM4_ETR
CAN3_
RX
SAI_CK2
-
SAI_SCK
_A
EVENT
OUT
PA9
-
-
I2C3_SMBA
-
I2C2_
SCL
I2S3_MCK
TIM1_CH2
USART1_
TX
COMP5
_OUT
TIM15_B
KIN
TIM2_CH3
CAN1_
RXFD
--
SAI_FS_
A
EVENT
OUT
PA10
-
TIM17_BKIN
I2C3_SCL
USB_CRS_
SYNC
I2C2_
SDA
SPI2_MISO
TIM1_CH3
USART1_
RX
COMP6
_OUT
CAN1_T
XFD
TIM2_CH4
TIM8_
BKIN
SAI_D1
-
SAI_SD_
A
EVENT
OUT
PA11
-
-
-
-
-
SPI2_MOSI/I
2S2_SD
TIM1_CH1
N
USART1_
CTS
COMP1
_OUT
CAN1_
RX
TIM4_CH1
TIM1_CH
4
TIM1_BKIN2
-
-
EVENT
OUT
PA12
-
TIM16_CH1
-
-
-
I2SCKIN
TIM1_CH2
N
USART1_
RTS_DE
COMP2
_OUT
CAN1_
TX
TIM4_CH2
TIM1_
ETR
--
-
EVENT
OUT
PA13
SWDIO-
JTMS
TIM16_CH1N
-
-
-
IR_OUT
-
USART3_
CTS
-
-
TIM4_CH3
-
-
SAI_SD_B
-
EVENT
OUT
PA14
SWCLK-
JTCK
LPTIM1_OUT
-
I2C4_SMBA
I2C1_
SDA
TIM8_CH2
TIM1_
BKIN
USART2_
TX
--
-
CAN3_
TXFD
-
SAI_FS_B
-
EVENT
OUT
PA15
JTDI
TIM2_CH1
TIM8_CH1
-
I2C1_
SCL
SPI1_NSS
SPI3_NSS/I
2S3_WS
USART2_
RX
UART4
_RTS_DE
TIM1_
BKIN
-
CAN3_
TX
--
TIM2_ET
R
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com