Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TD352 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TD352
Description  Advanced IGBT/MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352 Datasheet(HTML) 2 Page - STMicroelectronics

  TD352 Datasheet HTML 1Page - STMicroelectronics TD352 Datasheet HTML 2Page - STMicroelectronics TD352 Datasheet HTML 3Page - STMicroelectronics TD352 Datasheet HTML 4Page - STMicroelectronics TD352 Datasheet HTML 5Page - STMicroelectronics TD352 Datasheet HTML 6Page - STMicroelectronics TD352 Datasheet HTML 7Page - STMicroelectronics TD352 Datasheet HTML 8Page - STMicroelectronics TD352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TD352
Block Diagram
2/13
1 Block Diagram
Figure 1. System and internal block diagram
Table 1.
Pin Description
Name
Pin Number
Type
Function
IN
1
Analog input
Input
VREF
2
Analog output
+5V reference voltage
CD
3
Timing capacitor
Turn on delay
DESAT
4
Analog input
Desaturation protection
CLAMP
5
Analog output
Miller clamp
VL
6
Power supply
Signal ground
OUT
7
Analog output
Gate drive output
VH
8
Power supply
Positive supply
TD352
OUT
IN
VH
VREF
VL
DESAT
CD
CLAMP
Vref
UVLO
Desat
Delay
16V
4.7k
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com