Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XUSZAML2PTS Datasheet(PDF) 1 Page - Schneider Electric

Part # XUSZAML2PTS
Description  Safety light curtain muting arm L 2parallel multi-beams high speed conveyor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XUSZAML2PTS Datasheet(HTML) 1 Page - Schneider Electric

  XUSZAML2PTS Datasheet HTML 1Page - Schneider Electric XUSZAML2PTS Datasheet HTML 2Page - Schneider Electric XUSZAML2PTS Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XUSZAML2PTS
Safety light curtain muting arm L 2parallel
multi-beams high speed conveyor
Main
Range of product
Preventa Safety detection
Product or component
type
Multi-beam prebuilt muting arms
Device short name
XUSZAM
Output type
2 discrete solid-state PNP (NO)
[Sn] nominal sensing
distance
0…3.5 m
Number of beams
5
Space between beams
10 mm
Complementary
Product compatibility
XUSL4M
Detection system
Through beam
Product specific application
Conveyor system exit direction
Conveyor system high speed
Specific application of photoelectric detector
Detection of opaque parts
Sensing range
0...10 cm space between package
> 32 cm space between package
Response time
< 100 ms
Kit composition
Transmitter + receiver
quick start guide
Emission
IR LED
IR LED 940 nm
[Us] rated supply voltage
24 V DC +/- 20 %
Supply
Via connector
Current consumption
42 mA
Output voltage
24 V
Output circuit type
DC
Maximum voltage drop
<0.5 V
Switching capacity in mA
100 mA
Local signalling
2 yellow LED receiver
Housing colour
Red RAL 3000
Environment
Directives
2011/65/EU - RoHS directive
1907/2006/EC - REACH directive
2002/96/EC - WEEE directive
98/37/EEC - machinery
89/336/EEC - electromagnetic compatibility
Product certifications
CE
Safety reliability data
PFHd = 2.73E-7 1/h
Ambient air temperature for operation
-30…55 °C
Ambient air temperature for storage
-30…70 °C
Relative humidity
0…95 % without condensation
IP degree of protection
IP65
Shock resistance
10 gn for 16 ms conforming to IEC 61496-1
Vibration resistance
0.35 +/- 0.05 mm (f= 10…55 Hz) conforming to IEC 61496-1


Similar Part No. - XUSZAML2PTS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZAML2XP SCHNEIDER-XUSZAML2XP Datasheet
89Kb / 3P
Safety light curtain muting arm L 2 parallel multi-beams
Jan 19, 2021
More results

Similar Description - XUSZAML2PTS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZAML2XP SCHNEIDER-XUSZAML2XP Datasheet
89Kb / 3P
Safety light curtain muting arm L 2 parallel multi-beams
Jan 19, 2021
XUSZAMT2XT SCHNEIDER-XUSZAMT2XT Datasheet
87Kb / 3P
Safety light curtain muting arm T 2crossed multi-beams
Jan 19, 2021
XUSZAMT4PT SCHNEIDER-XUSZAMT4PT Datasheet
87Kb / 3P
Safety light curtain muting arm T 4parallel multi-beams
Jan 19, 2021
XUSZAMT4PTS SCHNEIDER-XUSZAMT4PTS Datasheet
87Kb / 3P
Safety light curtain muting arm T 4P multibeams high speed conveyor
Jan 19, 2021
XUSZASL2PP SCHNEIDER-XUSZASL2PP Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam
Jan 19, 2021
XUSZASL2PPS SCHNEIDER-XUSZASL2PPS Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam high speed conveyor
Jan 19, 2021
XUSZASL2PPT SCHNEIDER-XUSZASL2PPT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2parallel single beam transparent material
Jan 19, 2021
XUSZASL2XT SCHNEIDER-XUSZASL2XT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2crossed single beam
Jan 19, 2021
XUSZAST4PPS SCHNEIDER-XUSZAST4PPS Datasheet
92Kb / 3P
Safety light curtain muting arm T 4parallel single beam high speed conveyor
Jan 19, 2021
XUSZSM2B SCHNEIDER-XUSZSM2B Datasheet
60Kb / 1P
Column for 2 beams safety light curtain integrated muting
Jan 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com