Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552CC Datasheet(PDF) 337 Page - STMicroelectronics

Part # STM32L552CC
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CC Datasheet(HTML) 337 Page - STMicroelectronics

Back Button STM32L552CC_V01 Datasheet HTML 332Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 333Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 334Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 335Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 336Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 337Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 338Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 339Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 340Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 337 / 340 page
background image
DS12737 Rev 6
337/340
STM32L552xx
Revision history
339
11-Feb-2020
3
(continued)
Updated Section 3.21: Analog-to-digital converter
(ADC).
Removed information related to UFBGA132_ExtSMPS
in Section 4: Pinouts and pin description.
Updated Table 24: Voltage characteristics.
Updated Table 33: Current consumption in Run and
Low-power run modes, code with data processing
running from Flash in single Bank, ICACHE ON in 2-
way.
Updated Table 55: Typical current consumption in Run
and Low-power run modes, with different codes running
from SRAM1.
Updated Table 56: Typical current consumption in Run
mode with internal SMPS, with different codes running
from SRAM1.
Updated Table 57: Typical current consumption in Run
and Low-power run modes, with different codes running
from SRAM2.
Updated Table 58: Typical current consumption in Run
mode with internal SMPS, with different codes running
from SRAM2.
Updated Table 79: Current consumption in Standby
mode.
Updated Table 99: ESD absolute maximum ratings.
Updated Table 102: I/O static characteristics.
Updated Table 117: VREFBUF characteristics.
Updated Table 119: OPAMP characteristics.
Updated Table 123: Temp and VDD monitoring
characteristics.
14-May-2020
4
Updated:
– Figure 1: STM32L552xx block diagram.
– Figure 2: STM32L552xx power supply overview.
– Figure 3: STM32L552xxxxP power supply overview.
– Figure 12: STM32L552xx UFQFPN48 pinout.
– Figure 13: STM32L552xxxxP UFQFPN48 external
SMPS pinout.
– Section 5.3.2: SMPS step-down converter.
– Table 20: Legend/abbreviations used in the pinout
table.
Updated title of Table 36, Table 37, Table 38, Table 42,
Table 43, Table 44, Table 46, Table 48, Table 50,
Table 52, Table 54, Table 56, Table 58, Table 61.
Table 164. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com